Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 50 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 50 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 46Page - Texas Instruments TUSB3200CPAH Datasheet HTML 47Page - Texas Instruments TUSB3200CPAH Datasheet HTML 48Page - Texas Instruments TUSB3200CPAH Datasheet HTML 49Page - Texas Instruments TUSB3200CPAH Datasheet HTML 50Page - Texas Instruments TUSB3200CPAH Datasheet HTML 51Page - Texas Instruments TUSB3200CPAH Datasheet HTML 52Page - Texas Instruments TUSB3200CPAH Datasheet HTML 53Page - Texas Instruments TUSB3200CPAH Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
A–2
A.2 Internal Data Memory
The internal data memory space is a total of 256 bytes of RAM, which includes the 128 bytes of special function
registers (SFR) space. The internal data memory space is mapped in accordance with the industry standard 8052
MCU. The internal data memory space is mapped from 00h to FFh with the SFRs mapped from 80h to FFh. The lower
128 bytes are accessible with both direct and indirect addressing. However, the upper 128 bytes, which is the SFR
space, is only accessible with direct addressing.
Program Memory
FFFFh
28K - Reserved
9000h
8FFFh
Boot ROM (4K)
28K - Reserved
1000h
0FFFh
Boot ROM (4K)
0000h
External Data Memory
FFFFh
Memory Mapped Registers
(80 Bytes)
FFB0h
FFAFh
USB Endpoint Configuration
Blocks and Buffer Space
(1968 Bytes)
F800h
F7FFh
54K - Reserved
2000h
1FFFh
Code RAM (8K)
(Read/ Write)
0000h
8000h
7FFFh
Figure A–1. Boot Loader Mode Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com