Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 85 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 85 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 81Page - Texas Instruments TUSB3200CPAH Datasheet HTML 82Page - Texas Instruments TUSB3200CPAH Datasheet HTML 83Page - Texas Instruments TUSB3200CPAH Datasheet HTML 84Page - Texas Instruments TUSB3200CPAH Datasheet HTML 85Page - Texas Instruments TUSB3200CPAH Datasheet HTML 86Page - Texas Instruments TUSB3200CPAH Datasheet HTML 87Page - Texas Instruments TUSB3200CPAH Datasheet HTML 88Page - Texas Instruments TUSB3200CPAH Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
A–37
A.5.5.2 I2C Interface Receive Data Register (I2CDATI – Address FFC2h)
The I2C interface receive data register contains the most recent data byte received from the slave device.
Bit
7
6
5
4
3
2
1
0
Mnemonic
RXD7
RXD6
RXD5
RXD4
RXD3
RXD2
RXD1
RXD0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
RXD(7:0)
Receive data
The receive data byte value is updated by hardware for each data byte received from
the I2C slave device.
A.5.5.3 I2C Interface Transmit Data Register (I2CDATO – Address FFC1h)
The I2C interface transmit data register contains the next address or data byte to be transmitted to the slave device
in accordance with the protocol. Note that for both read and write transactions, the internal register or memory
address of the slave device being accessed must be transmitted to the slave device.
Bit
7
6
5
4
3
2
1
0
Mnemonic
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
TXD0
Type
W
W
W
W
W
W
W
W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
TXD(7:0)
Transmit data
The transmit data byte value is set by the MCU for each address or data byte to be
transmitted to the I2C slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com