Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 84 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 84 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 80Page - Texas Instruments TUSB3200CPAH Datasheet HTML 81Page - Texas Instruments TUSB3200CPAH Datasheet HTML 82Page - Texas Instruments TUSB3200CPAH Datasheet HTML 83Page - Texas Instruments TUSB3200CPAH Datasheet HTML 84Page - Texas Instruments TUSB3200CPAH Datasheet HTML 85Page - Texas Instruments TUSB3200CPAH Datasheet HTML 86Page - Texas Instruments TUSB3200CPAH Datasheet HTML 87Page - Texas Instruments TUSB3200CPAH Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
A–36
A.5.4.10 CODEC Port Interface Valid Time Slots Register (High Byte) (CPTVSLH – Address FFD7h)
The CODEC port interface valid time slots register (high byte) contains the control bits used to specify which time
slots in the audio frame contain valid data. In addition the valid frame, primary CODEC ready and secondary CODEC
ready bits are contained in this register. This register is only used in the AC ’97 modes of operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
VF
PCRDY
SCRDY
VTSL3
VTSL4
VTSL5
VTSL6
VTSL7
Type
R/W
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
VF
Valid frame
The valid frame bit is set to a 1 by the MCU to indicate that the current audio frame
contains at least one time slot with valid data. The MCU should clear this bit to a 0 to
indicate that the current audio frame does not contain any time slots with valid data.
6
PCRDY
Primary CODEC ready
The primary CODEC ready bit is updated by hardware each audio frame based on
the value of bit 15 in time slot 0 of the incoming serial data from the primary CODEC.
This bit is set to a 1 to indicate the primary CODEC is ready for operation.
5
SCRDY
Secondary CODEC ready
The secondary CODEC ready bit is updated by hardware each audio frame based
on the value of bit 15 in time slot 0 of the incoming serial data from the secondary
CODEC. This bit is set to a 1 to indicate the secondary CODEC is ready for
operation. Note that this bit is only used if a secondary CODEC is connected to the
TUSB3200 device.
4:0
VTSL(3:7)
Valid time slot
The valid time slot bits are set to a 1 by the MCU to define which time slots in the
audio frame contain valid data. The MCU should clear to a 0 the bits corresponding
to time slots that do not contain valid data. Note that bits 4 to 0 of this register
correspond to time slots 3 to 7.
A.5.5
I2C Interface Registers
This section describes the memory-mapped registers used for the I2C Interface control and operation. The I2C
iInterface has a set of four registers. See section 2.2.17 for the operation details of the I2C Interface.
A.5.5.1 I2C Interface Address Register (I2CADR – Address FFC3h)
The I2C interface address register contains the 7-bit I2C slave device address and the read/write transaction control
bit.
Bit
7
6
5
4
3
2
1
0
Mnemonic
A6
A5
A4
A3
A2
A1
A0
RW
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:1
A(6:0)
Address
The address bit values are set by the MCU to program the 7-bit I2C slave address of
the device to be accessed. Each I2C slave device should have a unique address on
the I2C bus. This address is used to identify the device on the bus to be accessed
and is not the internal memory address to be accessed within the device.
0
RW
Read/w3rite control
The read/write control bit value is set by the MCU to program the type of I2C
transaction to be done. This bit should be set to a 1 by the MCU for a read transaction
and cleared to a 0 by the MCU for a write transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com