Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 82 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 82 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 78Page - Texas Instruments TUSB3200CPAH Datasheet HTML 79Page - Texas Instruments TUSB3200CPAH Datasheet HTML 80Page - Texas Instruments TUSB3200CPAH Datasheet HTML 81Page - Texas Instruments TUSB3200CPAH Datasheet HTML 82Page - Texas Instruments TUSB3200CPAH Datasheet HTML 83Page - Texas Instruments TUSB3200CPAH Datasheet HTML 84Page - Texas Instruments TUSB3200CPAH Datasheet HTML 85Page - Texas Instruments TUSB3200CPAH Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
A–34
A.5.4.6 CODEC Port Interface Address Register (CPTADR – Address FFDBh)
The CODEC port interface address register contains the read/write control bit and address bits used for secondary
communication between the TUSB3200 MCU and the CODEC device. For write transactions to the CODEC, the 8-bit
value in this register will be sent to the CODEC in the designated time slot and appropriate bit locations. Note that
for the different modes of operation, the number of address bits and the bit location of the read/write bit is different.
For example, the AC ’97 modes require 7 address bits and the bit location of the read/write bit to be the most significant
bit. The AIC mode only requires 4 address bits and the bit location of the read/write bit to be bit 13 of the 16-bits in
the time slot. The MCU should load the read/write and address bits to the correct bit locations within this register for
the different modes of operation. Shown below are the read/write control bit and address bits for the AC ’97 Mode
of operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
R/W
A6
A5
A4
A3
A2
A1
A0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
R/W
Command/status read/write
control
The command/status read/write control bit value is set by the MCU to program the
type of secondary communication transaction to be done. This bit should be set to a
1 by the MCU for a read transaction and cleared to a 0 by the MCU for a write
transaction.
6:0
A(6:0)
Command/status address
The command/status address value is set by the MCU to program the CODEC
device control/status register address to be accessed during the read or write
transaction. The command/status address value is updated by hardware with the
control/status register address value received from the CODEC device for read
transactions.
A.5.4.7 CODEC Port Interface Data Register (Low Byte) (CPTDATL – Address FFDAh)
The CODEC port interface data register (low byte) contains the least significant byte of the 16-bit command or status
data value used for secondary communication between the TUSB3200 MCU and the CODEC device. Note that for
general-purpose mode or AIC mode only an 8-bit data value is used for secondary communication.
Bit
7
6
5
4
3
2
1
0
Mnemonic
D7
D6
D5
D4
D3
D2
D1
D0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
D(7:0)
Command/status data
The command/status data value is set by the MCU with the command data to be
transmitted to the CODEC device for write transactions. The command/status data
value is updated by hardware with the status data received from the CODEC device
for read transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com