Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 41Page - Texas Instruments TUSB3200CPAH Datasheet HTML 42Page - Texas Instruments TUSB3200CPAH Datasheet HTML 43Page - Texas Instruments TUSB3200CPAH Datasheet HTML 44Page - Texas Instruments TUSB3200CPAH Datasheet HTML 45Page - Texas Instruments TUSB3200CPAH Datasheet HTML 46Page - Texas Instruments TUSB3200CPAH Datasheet HTML 47Page - Texas Instruments TUSB3200CPAH Datasheet HTML 48Page - Texas Instruments TUSB3200CPAH Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
3–5
3.4.4
CODEC Port Interface Signals (I2S Modes) Over Recommended Operating Conditions
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fSCLK
Frequency, SCLK
CL = 50 pF
(32)FS
(64)FS
MHz
tcyc
Cycle time, SCLK
CL = 50 pF, See Note 1
1/(64)FS
1/(32)FS
ns
tpd
Propagation delay, SCLK falling edge to LRCLK and SDOUT
CL = 50 pF
15
ns
tsu
Setup time, SDIN to SCLK rising edge
10
ns
th
Hold time, SDIN from SCLK rising edge
10
ns
NOTE 1: Worst case duty cycle is 45/55.
tsu
th
SCLK
LRCLK, SD_OUT
SD_IN
tpd
tcyc
Figure 3–5. I2S Mode Timing Waveforms
3.4.5
CODEC Port Interface Signals (General Purpose Mode) Over Recommended Operating
Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fCSCLK
Frequency, CSCLK
CL = 50 pF
0.125
25
MHz
tcyc
Cycle time, CSCLK
CL = 50 pF, See Note 2
0.040
8
µs
tpd
Propagation delay, CSCLK to CSYNC, CDATO, CSCHNE and
CRESET
CL = 50 pF
15
ns
tsu
Setup time, CDATI to CSCLK
10
ns
th
Hold time, CDATI from CSCLK
10
ns
NOTE 2: The timing waveforms in Figure 3-6 show the CSYNC, CDATO, CSCHNE and CRESET signals generated with the rising edge of the
clock and the CDATI signal sampled with the falling edge of the clock. The edge of the clock used is programmable. However, the timing
characteristics are the same regardless of which edge of the clock is used.
tsu
th
CSCLK
CSYNC, CDATO,
CSCHNE, CRESET
CDATI
tpd
tcyc
Figure 3–6. General-Purpose Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com