Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 4Page - Linear Technology LTC1045CSW Datasheet HTML 5Page - Linear Technology LTC1045CSW Datasheet HTML 6Page - Linear Technology LTC1045CSW Datasheet HTML 7Page - Linear Technology LTC1045CSW Datasheet HTML 8Page - Linear Technology LTC1045CSW Datasheet HTML 9Page - Linear Technology LTC1045CSW Datasheet HTML 10Page - Linear Technology LTC1045CSW Datasheet HTML 11Page - Linear Technology LTC1045CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1045
1045fc
TYPICAL APPLICATIONS
High Voltage CMOS (VCC = 15V) to TTL/CMOS (VCC = 5V)
ECL to CMOS/TTL Logic
–
+
LATCH
COMP
20k
15V
~1.4V
CMOS
(VCC = 15V)
1045 TA03
THREE-
STATE
BUFFER
TTL/CMOS
(VCC = 5V)
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V–
V+
–
+
LATCH
COMP
5V
~2.5V
TTL/CMOS
(VCC = 5V)
1045 TA04
THREE-
STATE
BUFFER
CMOS
(VCC = 15V)
10k
10k
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V–
V+
TTL/CMOS (VCC = 5V) to High Voltage CMOS (VCC = 15V)
–
+
LATCH
COMP
–5.2V
10k
30k
5V
~ –1.3V
CMOS/TTL
(VCC = 5V)
1045 TA02
THREE-
STATE
BUFFER
ECL
IN
VOH
VTRIP
IN
OUT
ISET
V–
V+
VOL
DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com