Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 6Page - Linear Technology LTC1045CSW Datasheet HTML 7Page - Linear Technology LTC1045CSW Datasheet HTML 8Page - Linear Technology LTC1045CSW Datasheet HTML 9Page - Linear Technology LTC1045CSW Datasheet HTML 10Page - Linear Technology LTC1045CSW Datasheet HTML 11Page - Linear Technology LTC1045CSW Datasheet HTML 12Page - Linear Technology LTC1045CSW Datasheet HTML 13Page - Linear Technology LTC1045CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1045
1045fc
TYPICAL APPLICATIONS
RCV OUT (5V/DIV)
RCV IN (1V/DIV)
XMT OUT (1V/DIV)
XMT IN (5V/DIV)
Logic Ground Isolation when Two Grounds are within LTC1045 Common Mode Range
–
+
LATCH
COMP
VCC B = 5V
VCC A = 5V
SYSTEM B
SYSTEM A
SETS LOGIC
THRESHOLD REFERRED
TO GND A
(GND B – V– + VTRIP) ≤ GND A ≤ (GND B + VCC B – 2V – VTRIP)
V– = –5V
2.7k
LOGIC
OUT
GND B
1045 TA08
THREE-
STATE
BUFFER
TTL/CMOS LOGIC
1k
GND A
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V–
V+
VTRIP = 1.35V
200ns/DIV
1045 TA10a
–
+
20
5V
11
1
TTL IN
1.4V
0.2V
XMT IN
XMT OUT
30-FT RG 174
COAX CABLE
50
Ω
13
12
10
V+
V–
ISET
DIS
VOL
VOH
RCV IN
1
RCV OUT
TTL OUT
1045 TA10
–
+
20
5V
11
13
12
10
V+
V–
ISET
DIS
VOL
VOH
50pF
Coax Cable Driver/Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com