Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 5Page - Linear Technology LTC1045CSW Datasheet HTML 6Page - Linear Technology LTC1045CSW Datasheet HTML 7Page - Linear Technology LTC1045CSW Datasheet HTML 8Page - Linear Technology LTC1045CSW Datasheet HTML 9Page - Linear Technology LTC1045CSW Datasheet HTML 10Page - Linear Technology LTC1045CSW Datasheet HTML 11Page - Linear Technology LTC1045CSW Datasheet HTML 12Page - Linear Technology LTC1045CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1045
1045fc
TYPICAL APPLICATIONS
TTL/CMOS (VCC = 5V) to 10V/– 5V Clock Driver
–
+
LATCH
COMP
20k
10V
–5V
~1.4V
10V TO –5V
CLOCK DRIVER
1045 TA07
THREE-
STATE
BUFFER
TTL/CMOS
(VCC = 5V)
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V–
V+
–
+
LATCH
COMP
100k
3V
5V
~1.5V
CMOS
(VCC = 3V)
1045 TA05
THREE-
STATE
BUFFER
TTL/CMOS
(VCC = 5V)
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V–
V+
TTL/CMOS (VCC = 5V) to Low Voltage CMOS (VCC = 3V)
TTL/CMOS Logic Levels to
±5V Analog Switch Driver
–
+
LATCH
SW
COMP
20k
5V
–5V
~1.4V
VDD
VSS
1045 TA06
THREE-
STATE
BUFFER
TTL/CMOS
(VCC = 5V)
±5V IN
±5V OUT
CMOS ANALOG
SWITCH
(CD4016 FOR
EXAMPLE)
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V–
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com