Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 11Page - Linear Technology LTC1045CSW Datasheet HTML 12Page - Linear Technology LTC1045CSW Datasheet HTML 13Page - Linear Technology LTC1045CSW Datasheet HTML 14Page - Linear Technology LTC1045CSW Datasheet HTML 15Page - Linear Technology LTC1045CSW Datasheet HTML 16Page - Linear Technology LTC1045CSW Datasheet HTML 17Page - Linear Technology LTC1045CSW Datasheet HTML 18Page - Linear Technology LTC1045CSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1045
1045fc
TYPICAL APPLICATIONS
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
1045 TA15
LTC1045
13
12
11
20
10
1
V+
5V
DIS
ISET
VOL
VOH
V+
10k
R
10k
10k
10k
10k
10k
10k
10k
10k
10k
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
LTC1045
13
12
11
20
10
1
DIS
ISET
VOL
VL
VH
VOH
V+
VIN
VREF
V–
VIN > VREF
GI MV 57164*
BAR GRAPH DISPLAY
5V
VIN < VL
* FOR LED CURRENT CONTROL
SEE LTC1045 LED DRIVER
VIN ≤ V
+ – 2
EACH WINDOW BETWEEN VH AND VL
EQUALS 1/10(VH – VL)
(VH – VL) ≥ 0.5V
R =
100(VREF – VH)
(VH – VL)
Multiwindow Comparator and Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com