Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 12Page - Linear Technology LTC1045CSW Datasheet HTML 13Page - Linear Technology LTC1045CSW Datasheet HTML 14Page - Linear Technology LTC1045CSW Datasheet HTML 15Page - Linear Technology LTC1045CSW Datasheet HTML 16Page - Linear Technology LTC1045CSW Datasheet HTML 17Page - Linear Technology LTC1045CSW Datasheet HTML 18Page - Linear Technology LTC1045CSW Datasheet HTML 19Page - Linear Technology LTC1045CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1045
1045fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1988
TYPICAL APPLICATION
Power MOSFET Driver Low Power Consumption Stepper Motor Driver
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1016
Ultrafast Precision Comparator
10ns Propagation Delay
LT1039
Triple RS232 Driver/Receiver with Shutdown
±12V Supply, No Supply Current in Shutdown
LTC1440/LTC1441/LTC1442
Ultralow Power, Single/Dual Comparator with Reference
2.8
µA Supply Current
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
1045 TA17
LTC1045
13
12
11
20
10
1
+VM
DIS
ISET
VOL
VOH
V+
1k
0.1
µF
≈ 1.4V
≈ 0.2V
4-PHASE BIFILAR
STEPPER MOTOR
TTL STEPPER
MOTOR PHASE
SIGNALS
∅1
∅1
∅2
∅2
RH
STEP
CLOCK
C
5V
*
*
**
**
**
**
**
MOTOR GND
tON
A
tHOLD
A
B
B
FULL STEP DRIVER (5V
≤ VM ≤ 15V)
tON ≈ 3RPC
RpC = L/R L IS WINDING INDUCTANCE
R = RWINDING + RDS(ON)P + RDS(ON)N
IHOLD ≈ VM/RH
*VARISTOR GE V24ZA50
**FOR VM ≥ 10V ADD 470Ω IN SERIES
WITH LTC1045 OUTPUTS
RP
20k
51k
BUZ171
BUZ71A
BUZ71A
BUZ71A
BUZ71A
LT/LCG 1101 REV C 1.5K • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com