Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1045CSW Datasheet HTML 1Page - Linear Technology LTC1045CSW Datasheet HTML 2Page - Linear Technology LTC1045CSW Datasheet HTML 3Page - Linear Technology LTC1045CSW Datasheet HTML 4Page - Linear Technology LTC1045CSW Datasheet HTML 5Page - Linear Technology LTC1045CSW Datasheet HTML 6Page - Linear Technology LTC1045CSW Datasheet HTML 7Page - Linear Technology LTC1045CSW Datasheet HTML 8Page - Linear Technology LTC1045CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1045
1045fc
VOH (Pin 1): High Level to which the Output Switches.
IN1 to IN7 (Pins 2 to 7): Six Comparator Inputs; Voltage
Range = V – to V – + 18V.
VTRIP2 (Pin 8): Trip Point for Last Two Comparators
(Inputs 5,6); Voltage Range = V – to V + – 2V.
VTRIP1 (Pin 9): Trip Point for First Four Comparators
(Inputs 1 to 4); Voltage Range = V – to V + – 2V.
V – (Pin 10): Comparator Negative Supply.
VOL (Pin 11): Low Level to which the Output Switches.
ISET (Pin 12): This has three functions: 1) RSET from this
pin to V – sets bias current, 2) when forced to V + power is
shut off completely and 3) when forced to V + outputs are
latched.
DISABLE (Pin 13): When high, outputs are Hi-Z.
OUT6 to OUT1 (Pins 14 to 19): Six Driver Outputs.
V + (Pin 20): Comparator Positive Supply.
PIN FUNCTIONS
TEST CIRCUITS
50%
10%
90%
10%
tOH
DISABLE
OUTPUTS
10pF
V+
DISABLE
10k
VOH
OUTPUT
1045 F03b
5V
–5V
tOH
tr ≤ 10ns
50%
10%
90%
90%
tIH
DISABLE
OUTPUTS
10pF
V+
DISABLE
10k
VOL
OUTPUT
1045 F03a
5V
5V
0V
–5V
tr ≤ 10ns
tIH
–
+
50%
10%
90%
tACC
DISABLE
OUTPUTS
50pF
DISABLE
OUTPUT
1045 F03c
5V
–5V
tACC
tr ≤ 10ns
Figure 3. Three-State Output Test Circuit
Conditions: V + = VOH = 5V, V– = VOL = 0V
–
+
5V
5V
VIN
VTRIP = 1.2V
V+
V–
VOL
VOH
OUTPUT
50pF
1045 F01
10%
tr = tf ≤ 10ns
tr
90%
90%
10%
VIN
OUTPUT
1.3V
1.2V
1.1V
5V
2.5V
0V
td
tf
td
50%
50%
1045 F02
VIN
ISET
100mV
VTRIP
VTRIP = 1.2V
VIN
–100mV
5V
5V
0V
0V
tHOLD
ISET
tSETUP
–
+
Figure 2. Latch Test Circuit
Figure 1. Response Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com