Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 10Page - Linear Technology LTC1045CSW Datasheet HTML 11Page - Linear Technology LTC1045CSW Datasheet HTML 12Page - Linear Technology LTC1045CSW Datasheet HTML 13Page - Linear Technology LTC1045CSW Datasheet HTML 14Page - Linear Technology LTC1045CSW Datasheet HTML 15Page - Linear Technology LTC1045CSW Datasheet HTML 16Page - Linear Technology LTC1045CSW Datasheet HTML 17Page - Linear Technology LTC1045CSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1045
1045fc
TYPICAL APPLICATIONS
LED Driver
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
1045 TA14
LTC1045
13
12
11
20
10
1
100
Ω
REF LED
V+
5V TO 15V
V+
DIS
ISET
VOL
VOH
V+
100k
TO LEDs
LOW TURNS
LED ON
–
+
358
5V
2N2905
(USE HEAT SINK)
2N2222
R
(ADJUSTS LED CURRENT)
REGULATES
LED CURRENT
≈ 1.5V
≈ 1.5V
7
1
8
4
6
5
3
2
358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com