Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1045CSW Datasheet HTML 1Page - Linear Technology LTC1045CSW Datasheet HTML 2Page - Linear Technology LTC1045CSW Datasheet HTML 3Page - Linear Technology LTC1045CSW Datasheet HTML 4Page - Linear Technology LTC1045CSW Datasheet HTML 5Page - Linear Technology LTC1045CSW Datasheet HTML 6Page - Linear Technology LTC1045CSW Datasheet HTML 7Page - Linear Technology LTC1045CSW Datasheet HTML 8Page - Linear Technology LTC1045CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1045
1045fc
BLOCK DIAGRAM
9
–
+
LEVEL
SHIFT
LATCH
V+
V –
VBIAS
V+
VOH
VOH
1
BIAS
GENERATOR
DISABLE
1045 BD
VREF ≈ 1.6V
VBIAS
SHUTDOWN
LATCH
ENABLE
∼8k
VOL
13
11
VTRIP1
VTRIP2
8
OUT1
IN1
19
2
20
DIS
LE
VOL
V+
+
–
VBIAS
V–
VOH
DIS
LE
VOL
OUT2
IN2 3
18
V+
+
–
VBIAS
V–
VOH
DIS
LE
VOL
OUT3
IN3 4
17
V+
+
–
VBIAS
V–
VOH
DIS
LE
VOL
OUT4
IN4 5
16
V+
+
–
VBIAS
V–
VOH
DIS
LE
VOL
OUT5
IN5 6
15
V+
+
–
VBIAS
V–
VOH
DIS
LE
VOL
OUT6
IN6 7
14
ISET
RSET
12
V–
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com