Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1045CSW
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1045CSW Datasheet HTML 7Page - Linear Technology LTC1045CSW Datasheet HTML 8Page - Linear Technology LTC1045CSW Datasheet HTML 9Page - Linear Technology LTC1045CSW Datasheet HTML 10Page - Linear Technology LTC1045CSW Datasheet HTML 11Page - Linear Technology LTC1045CSW Datasheet HTML 12Page - Linear Technology LTC1045CSW Datasheet HTML 13Page - Linear Technology LTC1045CSW Datasheet HTML 14Page - Linear Technology LTC1045CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1045
1045fc
TYPICAL APPLICATIONS
TTL OR
CMOS LOGIC
INPUTS
SW A
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
19
18
17
16
15
14
2
3
4
5
6
7
8
9
1
13
3
5
8
6
10
12
7
2
14
4
9
11 ±5V
1045 TA09
±5V
±5V
±5V
5V
CD4016
SW B
SW C
SW D
–5V
100k
LTC1045
13
12
11
20
10
1
–5V
~1.5V
5V
DIS
ISET
VOL
VOH
V+
±5V Analog Switch Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com