Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 31Page - Analog Devices AD9547BCPZ Datasheet HTML 32Page - Analog Devices AD9547BCPZ Datasheet HTML 33Page - Analog Devices AD9547BCPZ Datasheet HTML 34Page - Analog Devices AD9547BCPZ Datasheet HTML 35Page - Analog Devices AD9547BCPZ Datasheet HTML 36Page - Analog Devices AD9547BCPZ Datasheet HTML 37Page - Analog Devices AD9547BCPZ Datasheet HTML 38Page - Analog Devices AD9547BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
AD9547
Rev. 0 | Page 35 of 104
DDS Phase Offset
The relative phase of the sinusoid generated by the DDS is numer-
ically controlled by adding a phase offset word to the output of the
DDS accumulator. This is accomplished via the open loop phase
offset register (Address 0x030D to Address 0x030E), which is a
programmable 16-bit value (Δphase). The resulting phase offset,
ΔΦ (radians), is given by
⎟
⎠
⎞
⎜
⎝
⎛ Δ
π
=
Δ
16
2
2
phase
Φ
Phase offset and relative time offset are directly related. The
time offset is (Δphase/216)/fDDS (seconds), where fDDS is the
output frequency of the DDS (Hz).
DAC Output
The output of the digital core of the DDS is a time series of
numbers representing a sinusoidal waveform. The DAC
translates the numeric values to an analog signal. The DAC
output signal appears at two pins that constitute a balanced
current source architecture (see Figure 41).
CURRENT
SWITCH
ARRAY
SWITCH
CONTROL
IFS
ISCALE
AVDD3
DACOUTP
DACOUTN
CURRENT
MIRROR
GND
16
GND
13
14
CODE
CODE
50
Ω
50
Ω
14
10
IFS 1–
214 – 1
CODE
IFS
214 – 1
Figure 41. DAC Output Pins
The value of IFS is programmable via the 10-bit DAC full-scale
current word in the DAC current register (Address 0x0213 and
Address 0x0214). The value of the 10-bit word (ISCALE) sets IFS
according to the following formula:
IFS
= 120 μA × (72 +
⎟
⎠
⎞
⎜
⎝
⎛
16
3
× ISCALE)
TUNING WORD PROCESSING
The frequency tuning words that dictate the output frequency
of the DDS come from one of three sources (see Figure 42).
•
The free-running frequency tuning word register
•
The output of the digital loop filter
•
The output of the tuning word history processor
TUNING WORD
HISTORY
PROCESSOR
TUNING WORD
HISTORY
FREE-RUN
TUNING WORD
TUNING WORD
UPDATE
FROM DIGITAL
LOOP FILTER
TO DDS
TUNING
WORD
ROUTING
CONTROL
TUNING
WORD
CLAMP
LOWER
TUNING
WORD
UPPER
TUNING
WORD
Figure 42. Tuning Word Processing
When the DPLL is in free-run mode, the DDS tuning word
is the value stored in the free-running frequency tuning word
register (Address 0x0300 to Address 0x0305). When the DPLL
is operating normally (closed loop), the DDS tuning word comes
from the output of the digital loop filter, which changes dynami-
cally to maintain phase lock with the input reference signal
(assuming that the device has not performed an automatic switch
to holdover mode). When the DPLL is in holdover mode, the DDS
tuning word depends on a historical record of past tuning words
during the time that the DPLL operated in closed-loop mode.
However, regardless of the operating mode, the DDS output
frequency is ultimately subject to the boundary conditions
imposed by the frequency clamp logic as explained in the
Frequency Clamp section.
Frequency Clamp
The user controls the frequency clamp boundaries via the pull-
in range limit registers (Address 0x0307 to Address 0x030C).
These registers allow the user to fix the DDS output frequency
between an upper and lower bound with a granularity of 24 bits.
Note that these upper and lower bounds apply regardless of the
frequency tuning word that appears at the input to the DDS.
The register value relates to the absolute upper or lower
frequency bound (fCLAMP) as
fCLAMP
= fS × (N/224)
where N is the value stored in the upper- or lower-limit register,
and fS is the system sample rate.
Even though the frequency clamp limits put a bound on the
DDS output frequency, the DPLL is still free to steer the DDS
frequency within the clamp limits. The default register values
set the clamp range from 0 Hz (dc) to fS, effectively eliminating
the frequency clamp functionality until the user alters the
register values.
Frequency Tuning Word History
The AD9547 has the ability to track the history of the tuning
word samples generated by the DPLL digital loop filter output.
It does so by periodically computing the average tuning word
value over a user-specified interval. The user programs the
interval via the 24-bit history accumulation timer register
(Address 0x0318 to Address 0x031A). This 24-bit value repre-
sents a time interval (TAVG) in units of milliseconds (ms) that
extends from 1 ms to a maximum of 4:39:37.215 (hr:min:sec).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com