Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9547BCPZ Datasheet HTML 1Page - Analog Devices AD9547BCPZ Datasheet HTML 2Page - Analog Devices AD9547BCPZ Datasheet HTML 3Page - Analog Devices AD9547BCPZ Datasheet HTML 4Page - Analog Devices AD9547BCPZ Datasheet HTML 5Page - Analog Devices AD9547BCPZ Datasheet HTML 6Page - Analog Devices AD9547BCPZ Datasheet HTML 7Page - Analog Devices AD9547BCPZ Datasheet HTML 8Page - Analog Devices AD9547BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
AD9547
Rev. 0 | Page 4 of 104
SPECIFICATIONS
Minimum and maximum values apply for the full range of supply voltage and operating temperature variation. Typical values apply for
AVDD3 = DVDD3 = 3.3 V, AVDD = DVDD = 1.8 V, TA = 25°C, IDAC = 20 mA (full scale), unless otherwise noted.
SUPPLY VOLTAGE
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DVDD3
3.135
3.30
3.465
V
Pin 7, Pin 58
DVDD
1.71
1.80
1.89
V
Pin 1, Pin 6, Pin 8, Pin 10, Pin 11, Pin 53, Pin 59, Pin 64
AVDD3
3.135
3.30
3.465
V
Pin 16, Pin 33, Pin 43, Pin 49
3.3 V Supply (Typical)
3.135
3.30
3.465
V
Pin 25, Pin 31
1.8 V Supply (Alternative)
1.71
1.80
1.89
V
Pin 25, Pin 31
AVDD
1.71
1.80
1.89
V
Pin 17, Pin 18, Pin 23, Pin 28, Pin 32, Pin 36, Pin 39, Pin 42, Pin 46, Pin 50
SUPPLY CURRENT
The test conditions for the maximum supply current are the same as the test conditions for the All Blocks Running section of Table 3. The
test conditions for the typical supply current are the same as the test conditions for the Typical Configuration section of Table 3.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
IDVDD3
1.5
3
mA
Pin 7, Pin 58
IDVDD
190
215
mA
Pin 1, Pin 6, Pin 8, Pin 10, Pin 11, Pin 53, Pin 59, Pin 64
IAVDD3
52
70
mA
Pin 16, Pin 33, Pin 43, Pin 49
3.3 V Supply (Typical)
24
55
mA
Pin 25, Pin 31
1.8 V Supply (Alternative)
24
55
mA
Pin 25, Pin 31
IAVDD
135
150
mA
Pin 17, Pin 18, Pin 23, Pin 28, Pin 32, Pin 36, Pin 39, Pin 42, Pin 46, Pin 50
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TYPICAL CONFIGURATION
800
1100
mW
fSYSCLK = 20 MHz1; fS = 1 GHz2; fDDS = 122.88 MHz3; one LVPECL clock
distribution output running at 122.88 MHz (all others powered
down); one input reference running at 100 MHz (all others
powered down)
ALL BLOCKS RUNNING
900
1250
mW
fSYSCLK = 20 MHz1; fS = 1 GHz2; fDDS = 399 MHz3; all clock distribution
outputs configured as LVPECL at 399 MHz; all input references
configured as differential at 100 MHz; fractional-N active (R = 10,
S = 39, U = 9, V = 10)
FULL POWER-DOWN
13
mW
Conditions = typical configuration; no external pull-up or pull-
down resistors
INCREMENTAL POWER DISSIPATION
Conditions = typical configuration; table values show the change
in power due to the indicated operation
SYSCLK PLL Off
−105
mW
fSYSCLK = 1 GHz1; high frequency direct input mode
Input Reference On
Differential
7
mW
Single-Ended
13
mW
Output Distribution Driver On
LVDS
70
mW
LVPECL
75
mW
CMOS
65
mW
Single 3.3 V CMOS output with a 10 pF load
1 fSYSCLK is the frequency at the SYSCLKP and SYSCLKN pins.
2 fS is the sample rate of the output DAC.
3 fDDS is the output frequency of the DDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com