Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 20Page - Analog Devices AD9547BCPZ Datasheet HTML 21Page - Analog Devices AD9547BCPZ Datasheet HTML 22Page - Analog Devices AD9547BCPZ Datasheet HTML 23Page - Analog Devices AD9547BCPZ Datasheet HTML 24Page - Analog Devices AD9547BCPZ Datasheet HTML 25Page - Analog Devices AD9547BCPZ Datasheet HTML 26Page - Analog Devices AD9547BCPZ Datasheet HTML 27Page - Analog Devices AD9547BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
AD9547
Rev. 0 | Page 24 of 104
GETTING STARTED
POWER-ON RESET
The AD9547 monitors the voltage on the power supplies at power-
up. When DVDD3 is greater than 2.35 V ± 0.1 V and DVDD
(Pin 1, Pin 6, Pin 8, Pin 53, Pin 59, and Pin 64) is greater than
1.4 V ± 0.05 V, the device generates a 75 ns reset pulse. The
power-up reset pulse is internal and independent of the RESET
pin. This internal power-up reset sequence eliminates the need for
the user to provide external power supply sequencing. Within 45 ns
after the leading edge of the internal reset pulse, the M0 to M7
multifunction pins function as high impedance digital inputs
and continue to do so until programmed otherwise.
INITIAL M0 TO M7 PIN PROGRAMMING
During a device reset (either via the power-up reset pulse or the
RESET pin), the multifunction pins (M0 to M7) function as
high impedance inputs, but upon removal of the reset condition,
level-sensitive latches capture the logic pattern present on the
multifunction pins. The AD9547 requires that the user supply
the desired logic state to the M0 to M7 pins by means of pull-up
and/or pull-down resistors (nominally 10 kΩ to 30 kΩ).
The initial state of the M0 to M7 pins following a reset is referred
to as FncInit, Bits[7:0]. Bits[7:0] of FncInit map directly to the
logic states of M[7:0], respectively. The three LSBs of FncInit
(FncInit, Bits[2:0]) determine whether the serial port interface
functions according to the SPI or the I2C protocol. Specifically,
FncInit, Bits[2:0] = 000 selects the SPI interface. Any other value
selects the I2C port, with the three LSBs of the I2C bus address
set to the value of FncInit, Bits[2:0].
The five MSBs of FncInit (FncInit, Bits[7:3]) determine the opera-
tion of the EEPROM loader. On the falling edge of RESET, if
FncInit, Bits[7:3] = 00000, then the EEPROM contents are not
transferred to the control registers and the device registers assume
their default values. However, if FncInit, Bits[7:3] ≠ 00000, then
the EEPROM controller transfers the contents of the EEPROM
to the control registers with CONDITION = FncInit, Bits[7:3]
(see the EEPROM section).
DEVICE REGISTER PROGRAMMING
The initial state of the M0 to M7 pins establishes the serial I/O
port protocol (SPI or I2C). Using the appropriate serial port pro-
tocol, and assuming that an EEPROM download is not used,
program the device according to the recommended sequence
that follows.
1.
Program the system clock functionality.
The system clock parameters reside in the 0x100 register
address space. They include the following:
•
System clock PLL controls
•
System clock period
•
System clock stability timer
It is essential to program the system clock period because many
of the AD9547 subsystems rely on this value. It is highly recom-
mended that the system clock stability timer be programmed, as
well. This is especially important when using the system clock PLL
but also applies if using an external system clock source, especially
if the external source is not expected to be completely stable when
power is applied to the AD9547.
2.
Initialize the system clock.
After the system clock functionality is programmed, issue an I/O
update using Register 0x0005, Bit 0 to invoke the system clock
settings.
3.
Calibrate the system clock (only if using SYSCLK PLL).
Set the calibrate system clock bit in the cal/sync register
(Address 0x0A02, Bit 0) and issue an I/O update. Then clear the
calibrate system clock bit and issue another I/O update. This
action allows time for the calibration to proceed while pro-
gramming the remaining device registers.
4.
Program the multifunction pins (optional).
This step is required only if the user intends to use any of the
multifunction pins for status or control. The multifunction pin
parameters reside in the 0x0200 register address space. The
default configuration of the multifunction pins is as undesignated
high impedance input pins.
5.
Program the IRQ functionality (optional).
This step is required only if the user intends to use the IRQ feature.
IRQ control resides in the 0x0200 register address space. It includes
the following:
•
IRQ pin mode control
•
IRQ mask
The IRQ mask default values prevent interrupts from being
generated. The IRQ pin mode default is open-drain NMOS.
6.
Program the watchdog timer (optional).
This step is required only if the user intends to use the watchdog
timer. Watchdog timer control resides in the 0x0200 register
address space. The watchdog timer is disabled by default.
7.
Program the DAC full-scale current (optional).
This step is required only if the user intends to use a full-scale
current setting other than the default value. DAC full-scale
current control resides in the 0x0200 register address space.
8.
Program the digital phase-locked loop (DPLL).
The DPLL parameters reside in the 0x0300 register address
space. They include the following:
•
Free-run frequency (DDS frequency tuning word)
•
DDS phase offset
•
DPLL pull-in range limits
•
DPLL closed-loop phase offset
•
Phase slew control (for hitless reference switching)
•
Tuning word history control (for holdover operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com