Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 54Page - Analog Devices AD9547BCPZ Datasheet HTML 55Page - Analog Devices AD9547BCPZ Datasheet HTML 56Page - Analog Devices AD9547BCPZ Datasheet HTML 57Page - Analog Devices AD9547BCPZ Datasheet HTML 58Page - Analog Devices AD9547BCPZ Datasheet HTML 59Page - Analog Devices AD9547BCPZ Datasheet HTML 60Page - Analog Devices AD9547BCPZ Datasheet HTML 61Page - Analog Devices AD9547BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
AD9547
Rev. 0 | Page 58 of 104
REGISTER MAP
The register addresses and defaults are hexadecimal values. Use the default value when writing to registers and/or bits marked as unused.
Table 36.
Addr
Opt1
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Serial Port Configuration and Part Identification
0x0000
E
SPI control
Unidirec-
tional
LSB first/
IncAddr
Soft reset
Long
instruction
Unused
0x10
0x0000
Dup
I2C control
Unused
Soft reset
Unused
0x00
0x0001
E
Reserved
Unused
0x0002
R
Silicon
revision level
Silicon revision number
0x01
0x0003
R
Device ID
Device ID
0x31
0x0004
E
Register
readback
Unused
Read buffer
register
0x00
0x0005
A, E
I/O update
Unused
I/O update
0x00
System Clock (SYSCLK)
0x0100
S
Charge pump/
lock detect
control
External
loop filter
enable
Charge
pump
mode
(auto/man)
Charge pump current[2:0]
Lock detect
timer
disable
Lock detect timer[1:0]
0x18
0x0101
S
N divider
N divider[7:0]
0x28
0x0102
S
System clock
input options
Unused
M divider
reset
M divider[1:0]
2×
frequency
multiplier
enable
PLL enable
SYSCLK source[1:0]
0x45
0x0103
C
Nominal
system clock
period
Nominal SYSCLK period[15:0] (in fs)
(1 ns at 1 ppm accuracy)
0x40
0x0104
C
0x42
0x0105
C
Unused
Nominal SYSCLK period[20:16]
0x0F
0x0106
C
System clock
stability
period
SYSCLK stability period[15:0] (in ms)
0x01
0x0107
C
0x00
0x0108
C
Unused
System clock stability period[19:16] (in ms)
0x00
General Configuration
0x0200
S
M0 control
M0 in/out
M0 function[6:0]
0x00
0x0201
S
M1 control
M1 in/out
M1 function[6:0]
0x00
0x0202
S
M2 control
M2 in/out
M2 function[6:0]
0x00
0x0203
S
M3 control
M3 in/out
M3 function[6:0]
0x00
0x0204
S
M4 control
M4 in/out
M4 function[6:0]
0x00
0x0205
S
M5 control
M5 in/out
M5 function[6:0]
0x00
0x0206
S
M6 control
M6 in/out
M6 function[6:0]
0x00
0x0207
S
M7 control
M7 in/out
M7 function[6:0]
0x00
0x0208
C
IRQ pin
output mode
Unused
IRQ pin output mode[1:0]
0x00
0x0209
C
IRQ mask
Unused
SYSCLK
unlocked
SYSCLK
locked
Unused
SYSCLK cal
complete
SYSCLK cal
started
0x00
0x020A
C
Unused
Distribution
sync
Watchdog
timer
EEPROM
fault
EEPROM
complete
0x00
0x020B
C
Switching
Closed
Free run
Holdover
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
0x00
0x020C
C
Unused
History
updated
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
0x00
0x020D
C
Ref AA
new profile
Ref AA
validated
Ref AA fault
cleared
Ref AA fault
Ref A
new profile
Ref A
validated
Ref A
fault
cleared
Ref A
fault
0x00
0x020E
C
Ref BB
new profile
Ref BB
validated
Ref BB
fault
cleared
Ref BB
fault
Ref B
new profile
Ref B
validated
Ref B
fault
cleared
Ref B
fault
0x00
0x020F
C
Unused
0x00
0x0210
C
Unused
0x00
0x0211
C
Watchdog
timer
Watchdog timer [15:0] (in ms up to 65,535 ms)
0x00
0x0212
C
0x00
0x0213
S
DAC current
DAC full-scale current[7:0]
0xFF
0x0214
S
DAC
shutdown
Unused
DAC full-scale current[9:8]
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com