Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 99 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 95Page - Analog Devices AD9547BCPZ Datasheet HTML 96Page - Analog Devices AD9547BCPZ Datasheet HTML 97Page - Analog Devices AD9547BCPZ Datasheet HTML 98Page - Analog Devices AD9547BCPZ Datasheet HTML 99Page - Analog Devices AD9547BCPZ Datasheet HTML 100Page - Analog Devices AD9547BCPZ Datasheet HTML 101Page - Analog Devices AD9547BCPZ Datasheet HTML 102Page - Analog Devices AD9547BCPZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
AD9547
Rev. 0 | Page 99 of 104
CALCULATING THE DIGITAL FILTER COEFFICIENTS
The digital loop filter coefficients (α, β, γ, and δ, as shown in
Figure 38) relate to the time constants (T1, T2, and T3) that are
associated with the equivalent analog circuit for a third-order loop
filter (see Figure 64).
FROM
CHARGE
PUMP
TO
VCO
R3
C3
C1
C2
Figure 64. Third-Order Analog Loop Filter
The design process begins by deciding on two design parameters
related to the second-order loop filter shown in Figure 65: the
desired open-loop bandwidth (fP) and the phase margin (θ).
FROM
CHARGE
PUMP
TO
VCO
C1
C2
Figure 65. Second-Order Analog Loop Filter
An analysis of the second-order loop filter leads to its primary
time constant, T1. It can be shown that T1 is expressible in terms
of fP and θ as
)
cos(
)
sin(
1
θ
θ
−
=
P
1
ω
T
where ωp = 2πfP
An analysis of the third-order loop filter leads to the definition
of another time constant, T3. It can be shown that T3 is expressible
in terms of the desired amount of additional attenuation intro-
duced by R3 and C3 at some specified frequency offset (fOFFSET)
from the PLL output frequency.
OFFSET
ATTEN
3
ω
T
1
10 10
−
=
where ωOFFSET = 2πfOFFSET
Note that ATTEN is the desired excess attenuation in decibels (dB).
Furthermore, ATTEN and ωOFFSET should be chosen so that
P
3
f
T
5
1
≤
With an expression for T1 and T3, it is possible to define an adjusted
open-loop bandwidth (fC) that is slightly less than fP. It can be
shown that ωC (fC expressed as a radian frequency) is expressible
in terms of T1, T3, and θ (phase margin) as follows:
()
()
()
()
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
θ
+
+
+
+
+
+
θ
+
=
1
)
tan(
1
)
tan(
2
2
2
3
1
3
1
3
1
3
1
3
1
3
1
C
T
T
T
T
T
T
T
T
T
T
T
T
ω
It can also be shown that the adjusted open-loop bandwidth
leads to T2 (the secondary time constant of the second-order
loop filter), which is expressed as
()
3
1
C
2
T
T
ω
T
+
=
2
1
Calculation of the digital loop filter coefficients requires a
scaling constant, K (related to the system clock frequency, fS),
and the PLL feedback divide ratio, D.
S
f
K
33
2
125
,
578
,
517
,
30
=
1
+
+
=
V
U
S
D
where S, U, and V are the integer and fractional feedback divider
values that reside in the profile registers.
Keep in mind that the desired integer feedback divide ratio is one
more than the stored value of S (hence, the +1 term in the
equation for D in this equation). This leads to the digital filter
coefficients given by
(
)
(
) ()
()
()2
2
2
2
1
1
1
2
C
3
C
1
C
1
2
C
T
ω
T
ω
T
ω
K
T
D
T
ω
α
+
+
+
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
2
1
S
T
T
f
β
1
1
32
1
ST
f
γ
32
−
=
3
ST
f
δ
32
=
Calculation of the coefficient register values requires the appli-
cation of some special functions, which are described as follows:
The if() function
y = if (test_statement, true_value, false_value)
where:
test_statement is a conditional expression (for example, x < 3).
true_value is what y equals if the conditional expression is true.
false_value is what y equals if the conditional expression is false.
The round() function
y = round(x)
If x is an integer, then y = x. Otherwise, y is the nearest integer to x.
For example, round(2.1) = 2, round(2.5) = 3, and round(−3.1) = −3.
The ceil() function
y = ceil(x)
If x is an integer, then y = x. Otherwise, y is the next integer to
the right on the number line. For example, ceil(2.8) = 3,
whereas ceil(−2.8) = −2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com