Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 35Page - Analog Devices AD9547BCPZ Datasheet HTML 36Page - Analog Devices AD9547BCPZ Datasheet HTML 37Page - Analog Devices AD9547BCPZ Datasheet HTML 38Page - Analog Devices AD9547BCPZ Datasheet HTML 39Page - Analog Devices AD9547BCPZ Datasheet HTML 40Page - Analog Devices AD9547BCPZ Datasheet HTML 41Page - Analog Devices AD9547BCPZ Datasheet HTML 42Page - Analog Devices AD9547BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
AD9547
Rev. 0 | Page 39 of 104
To determine the external loop filter components, the user decides
on the desired open loop bandwidth (fOL) and phase margin (φ).
These parameters allow calculation of the loop filter components,
as follows:
R1
=
()⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛
φ
+
π
sin
1
1
VCO
CP
OL
K
I
Nf
C1 =
2
)
(
2
)
tan(
OL
VCO
CP
f
N
K
I
π
φ
C2 =
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
φ
φ
−
π
)
cos(
)
sin(
1
)
2
(
2
OL
VCO
CP
f
N
K
I
where:
KVCO = 7 × 107 V/ns (typical).
ICP is the programmed charge pump current (amperes).
N is the programmed feedback divider value.
fOL is the desired open-loop bandwidth (Hz).
Φ is the desired phase margin (radians).
For example, assuming that N = 40, ICP = 0.5 mA, fOL = 400 kHz,
and Φ = 50°, then the loop filter calculations yield R1 = 3.31 kΩ,
C1 = 330 pF, and C2 = 50.4 pF.
System Clock Stability Timer
The system clock stability timer, located in Register 0x0106 to
Register 0x0108, is a 20-bit value programmed in units of milli-
seconds (ms). If the programmed timer value is 0, the timer
immediately indicates that it has timed out. If the programmed
timer value is nonzero and the SYSCLK PLL is enabled, the timer
starts timing when the SYSCLK PLL lock detector indicates lock
and times out after the prescribed period. However, when the user
disables the SYSCLK PLL, the timer ignores the SYSCLK PLL
lock detector and starts timing the instant that the SYSCLK PLL
is disabled. The user can monitor the status of the stability timer
at Register 0x0D01, Bit 4, via the multifunction pins or via the IRQ
pin.
Note that the system clock stability timer must be programmed
before the SYSCLK PLL is either activated or disabled.
SYSCLK PLL Calibration
When using the SYSCLK PLL, it is necessary to calibrate the
LC-VCO to ensure that the PLL can remain locked to the system
clock input signal. Assuming the presence of either an external
SYSCLK input signal or a crystal resonator, the calibration process
executes after the user sets and then clears the calibrate system
clock bit in the cal/sync register (Register 0x0A02, Bit 0). During
the calibration process, the device calibrates the VCO amplitude
and frequency. The status of the system clock calibration process
is user accessible via the system clock status register (Register
0x0D01, Bit 1). It is also available via the IRQ monitor register
(Bit 1 of Register 0x0D02), provided that the status bit is enabled
via the IRQ mask register (Register 0x0209 and Register 0x0210).
When the calibration sequence is complete, the SYSCLK PLL
eventually attains a lock condition, at which point the system
clock stability timer begins its countdown sequence. Expiration
of the timer indicates that the SYSCLK PLL is stable, which is
reflected in the system clock status register (Register 0x0D01, Bit 4).
Note that the monitors/detectors associated with the input
references (REF A/REF AA and REF B/REF BB) are internally
disabled until the SYSCLK PLL indicates that it is stable.
CLOCK DISTRIBUTION
The clock distribution block of the AD9547 provides an integrated
solution for generating multiple clock outputs based on frequency
dividing the DPLL output. The distribution output consists of
two channels (OUT0 and OUT1). Each channel has a dedicated
divider and output driver section, as shown in Figure 45.
Q0
SYNC
CONTROL
ENABLEn/MODEn
SYNC SOURCE
CLKINP
OUT1P
OUT1N
OUT1
OUT0
CLKINN
OUT_RSET
OUT0P
OUT0N
4
4
4
Figure 45. Clock Distribution
Clock Input (CLKINx)
The clock input handles input signals from a variety of logic
families (assuming proper terminations and sufficient voltage
swing). It also handles sine wave input signals such as those
delivered by the DAC reconstruction filter. Its default operating
frequency range is 62.5 MHz to 500 MHz.
Super-Nyquist Operation
Typically, the maximum usable frequency at the DAC output is
about 45% of the system clock frequency. However, because it is
a sampled DAC, its output spectrum contains Nyquist images.
Of particular interest are the images appearing in the first Nyquist
zone (50% to 100% of the system clock frequency). Super-Nyquist
operation takes advantage of these higher frequencies, but this
implies that the CLKINx input operates in excess of 500 MHz,
which is outside its default operating limits.
The CLKINx receiver actually consists of two separate receivers:
the default receiver and an optional high frequency receiver,
which handles input signals up to 800 MHz. To select the high
frequency receiver, write a Logic 1 to Register 0x0400, Bit4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com