Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 82Page - Analog Devices AD9547BCPZ Datasheet HTML 83Page - Analog Devices AD9547BCPZ Datasheet HTML 84Page - Analog Devices AD9547BCPZ Datasheet HTML 85Page - Analog Devices AD9547BCPZ Datasheet HTML 86Page - Analog Devices AD9547BCPZ Datasheet HTML 87Page - Analog Devices AD9547BCPZ Datasheet HTML 88Page - Analog Devices AD9547BCPZ Datasheet HTML 89Page - Analog Devices AD9547BCPZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
AD9547
Rev. 0 | Page 86 of 104
Address
Bit
Bit Name
Description
0x06C9
7
Unused
Unused.
[6:2]
Beta-1 exponent
Beta-1 coefficient exponent, Bits[4:0].
[1:0]
Beta-0 linear
Beta-0 coefficient linear, Bits[16:15].
0x06CA
[7:0]
Gamma-0 linear
Gamma-0 coefficient linear, Bits[7:0].
0x06CB
[7:0]
Gamma-0 coefficient linear, Bits[15:8].
0x06CC
[7:6]
Unused
Unused.
[5:1]
Gamma-1 exponent
Gamma-1 coefficient exponent, Bits[4:0].
0
Gamma-0 linear
Gamma-0 coefficient linear, Bit 16.
0x06CD
[7:0]
Delta-0 linear
Delta-0 coefficient linear, Bits[7:0].
0x06CE
7
Delta-1 exponent
Delta-1 coefficient exponent, Bit 0.
[6:0]
Delta-0 linear
Delta-0 coefficient linear, Bits[14:8].
0x06CF
[7:4]
Alpha-3 exponent
Alpha-3 coefficient exponent, Bits[3:0].
[3:0]
Delta-1 exponent
Delta-1 coefficient exponent, Bits[4:1].
1 The digital loop filter coefficients (α, β, γ, and δ) have the general form: x(2y), where x is the linear component and y is the exponential component of the coefficient.
The value of the linear component (x) constitutes a fraction, where 0 ≤ x < 1. The exponential component (y) is an integer (see the Calculating the Digital Filter
Coefficients section for details).
Register 0x06D0 to Register 0x06DA—Profile 3 Frequency Multiplication
Table 114. R Divider—Profile 31
Address
Bit
Bit Name
Description
0x06D0
[7:0]
R
R, Bits[7:0].
0x06D1
[7:0]
R, Bits[15:8].
0x06D2
[7:0]
R, Bits[23:16].
0x06D3
[7:6]
Unused
Unused.
[5:0]
R
R, Bits[29:24].
1 The value stored in the R divider register yields an actual divide ratio of one more than the programmed value.
Table 115. S Divider—Profile 31
Address
Bit
Bit Name
Description
0x06D4
[7:0]
S
S, Bits[7:0].
0x06D5
[7:0]
S
S, Bits[15:8].
0x06D6
[7:4]
Unused
Unused.
[3:0]
S
S, Bits[19:16].
0x06D7
[7:0]
Unused
Unused.
1 The value stored in the S divider register yields an actual divide ratio of one more than the programmed value. Furthermore, the value of S must be at least 7.
Table 116. Fractional Feedback Divider—Profile 3
Address
Bit
Bit Name
Description
0x06D8
[7:0]
V
V, Bits[7:0].
0x06D9
[7:4]
U
U, Bits[3:0].
[3:2]
Unused
Unused.
[1:0]
V
V, Bits[9:8].
0x06DA
[7:6]
Unused
Unused.
[5:0]
U
U, Bits[9:4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com