Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 57Page - Analog Devices AD9547BCPZ Datasheet HTML 58Page - Analog Devices AD9547BCPZ Datasheet HTML 59Page - Analog Devices AD9547BCPZ Datasheet HTML 60Page - Analog Devices AD9547BCPZ Datasheet HTML 61Page - Analog Devices AD9547BCPZ Datasheet HTML 62Page - Analog Devices AD9547BCPZ Datasheet HTML 63Page - Analog Devices AD9547BCPZ Datasheet HTML 64Page - Analog Devices AD9547BCPZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
AD9547
Rev. 0 | Page 61 of 104
Addr
Opt1
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x061E
R divider
R[23:0]
0x00
0x061F
0x00
0x0620
0x00
0x0621
Unused
R[29:24]
0x00
0x0622
S divider
S[15:0]
0x00
0x0623
0x00
0x0624
Unused
S[19:16]
0x00
0x0625
Unused
0x00
0x0626
Fractional
feedback
divider
V[7:0]
0x00
0x0627
U[3:0]
Unused
V[9:8]
0x00
0x0628
Unused
U[9:4]
0x00
0x0629
Lock
detectors
Phase lock threshold[15:0] (in ps)
0x00
0x062A
0x00
0x062B
Phase lock fill rate[7:0]
0x00
0x062C
Phase lock drain rate[7:0]
0x00
0x062D
Frequency lock threshold[23:0] (in ps)
0x00
0x062E
0x00
0x062F
0x00
0x0630
Frequency lock fill rate[7:0]
0x00
0x0631
Frequency lock drain rate[7:0]
0x00
Profile Registers—Profile 1
0x0632
Priorities
Unused
Promoted priority[2:0]
Selection priority[2:0]
0x00
0x0633
Reference
period
Nominal reference period[39:0] (in units of fs up to 1.1 ms)
0x00
0x0634
0x00
0x0635
0x00
0x0636
0x00
0x0637
0x00
0x0638
Unused (write 0s to these bits)
0x00
0x0639
0x00
0x063A
Tolerance
Inner tolerance[15:0] (1/tolerance) (removes fault status; 10% down to 1 ppm)
0x00
0x063B
0x00
0x063C
Unused
Inner tolerance[19:16]
0x00
0x06CD
Outer tolerance[15:0] (1/tolerance) (indicates fault status; 10% down to 1 ppm)
0x00
0x063E
0x00
0x063F
Unused
Outer tolerance[19:16]
0x00
0x0640
Validation
timer
Validation timer[15:0] (in units of ms up to 65.5 sec)
0x00
0x0641
0x00
0x0642
Redetect
timer
Redetect timer[15:0] (in units of ms up to 65.5 sec)
0x00
0x0643
0x00
0x0644
Digital loop
filter coeffi-
cients
Alpha-0 linear[15:0]
0x00
0x0645
0x00
0x0646
Alpha-2 exponent[1:0]
Alpha-1 exponent[5:0]
0x00
0x0647
Beta-0 linear[6:0]
Alpha-2
exponent[2]
0x00
0x0648
Beta-0 linear[14:7]
0x00
0x0649
Unused
Beta-1 exponent[4:0]
Beta-0 linear[16:15]
0x00
0x064A
Gamma-0 linear[15:0]
0x00
0x064B
0x00
0x064C
Unused
Gamma-1 exponent[4:0]
Gamma-0
linear[16]
0x00
0x064D
Delta-0 linear[7:0]
0x00
0x064E
Delta-1 ex-
ponent[0]
Delta-0 linear[14:8]
0x00
0x064F
Alpha-3 exponent[3:0]
Delta-1 exponent[4:1]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com