Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 17Page - Analog Devices AD9547BCPZ Datasheet HTML 18Page - Analog Devices AD9547BCPZ Datasheet HTML 19Page - Analog Devices AD9547BCPZ Datasheet HTML 20Page - Analog Devices AD9547BCPZ Datasheet HTML 21Page - Analog Devices AD9547BCPZ Datasheet HTML 22Page - Analog Devices AD9547BCPZ Datasheet HTML 23Page - Analog Devices AD9547BCPZ Datasheet HTML 24Page - Analog Devices AD9547BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
AD9547
Rev. 0 | Page 21 of 104
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
10pF LOAD
5pF LOAD
20pF LOAD
Figure 19. Power Consumption vs. Frequency,
3.3 V CMOS (Strong Mode)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
012
345
TIME (ns)
Figure 20. Output Waveform,
LVPECL (400 MHz)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
46
8
10
12
14
16
TIME (ns)
20pF LOAD
10pF LOAD
Figure 21. Output Waveform,
3.3 V CMOS (100 MHz, Strong Mode)
20pF LOAD
5pF LOAD
20
22
24
26
28
30
32
34
10
15
20
25
30
35
40
FREQUENCY (MHz)
10pF LOAD
Figure 22. Power Consumption vs. Frequency,
3.3 V CMOS (Weak Mode)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
012345
TIME (ns)
Figure 23. Output Waveform,
LVDS (400 MHz)
5pF LOAD
20 pF LOAD
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
2030
4050
607080
TIME (ns)
Figure 24. Output Waveform,
3.3 V CMOS (20 MHz, Weak Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com