Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 7 of 22
7. LL, LH
LL register, 4 bits, LH register, bit. LL[3:0] is the address pointer of RAM, and is used as the general-purpose
register at the same time.
LH register, 4 bits, used as the general-purpose register.
8. RAM
Data memory consists of 16x4 bits and is used to store temporary data and results after a program is executed.
It can address the entire RAM areas by the pointer LL[3:0]. When reset, the contents of RAM are not defined.
We recommend users to initialize it at the beginning of their software program.
9. ALU
The arithmetic and logic unit plays a leading role in performing various operations of 4-bit binaries. The
operation of ALU will change the carry flag (CF) and the zero flag(ZF).
10. Acc
4-bit accumulator, which is in the ALU. It is mostly used to store data and results.
11. CF
Carry flag.
12. SF
Status flag bit, the value of SF is 1 after reset.
13. PR (PR, PR2)
The port mode register, which specifies the input mode or output mode of the I/O port, is 4-bit write-only. When
the value is 1, the corresponding port is set to output mode. PR=0, it is set to input mode. The execution of the
HOLD instruction won’
t affect the I/O modes of operation. When reset, the initialization value is 0000B, and the
port is in input mode.
P52 mode select
PR2.2
PR2.1
PR2.0
P51 mode select
P50 mode select
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com