Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 8 of 22
14. PORT
SC73P1601 has 4 groups of I/O ports, totally 20 pins. Each group can operate in both input and output mode
(except P50 and P53, P50 is only input port, P53 is only output port). Details are as follows:
P0 port: P00-P03, 4-bit input/output port. The PR determines the port operation mode. In input mode, it has an
internal pull-down resistor and can be used for keyboard scan input. When the input level is high, it
can release the HOLD mode. In output mode, it can be used for keyboard scan output.
P1 port: P10-P13, same as P0 port;
P2 port: P20-P23, same as P0 port;
P5 port: P50-P53
P50: only as input pin with pull-down resistor used for keyboard scan input. When input high level, the
HOLD state is unlocked.
P51: the configuration same as P00;
P52: the configuration same as P00;
P53: large current output port, this pin is used to output infrared remote signal. If P53 is set to 1, this
pin outputs modulated signal with carrier or high level signal. If it is set to 0, it outputs low level
voltage.
15. Timer/counter
SC73P1601 has two internal timers:
One is a 17-bit timer. The clock source of the timer is main frequency (fmain) of the circuit. There are timing
steps from 10 (which generates pulses with frequency fmain/210) to 15 (fmain/215). The timer can output pulse
frequency ranging from fmain/210 to fmain/215, and can be used for timer after releasing the HOLD mode. It can
also be used as a WDT. After the HOLD mode released and the timer reset instruction TMRST executed, the
timer value is cleared.
The other timer is a carrier generator. Setting different length of high and low level time span respectively
through programming, it generates various different duty and frequency carriers.
16. TR
Timer register, it selects the status of the timer mode, use the instruction LD TM, A to write the data.
SC73P1601 uses the instruction LD A, TM or LD @LR, TM to read the status of timer; TM to read the timing
value. For example:
3
IBNS
TR timer register
TIBS
2
1
0
17. IBNS
The control bit of the read timer. When the value is 0, it reads TM3 (IT3), and IT2~IT0 become 0. When the value
is 1, it reads 4-bit data TM3~TM0(IT3~IT0).
TM3: 2
15/fmain
TM2: 2
14/fmain
TM1: 2
13/fmain
TM0: 2
12/fmain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com