Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC73P1601MATR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 4 of 22
PIN DESCRIPTIONS
Normal mode
Symbol
Description
VDD
Power Supply (2.0V~4.0V)
GND
Ground
XT1
Oscillator output pin
XT2
Oscillator input pin
P00~P03
4-bit I/O pin.
In input mode, it is used as the keyboard-scan input port (with internal pull-down resistor).
In output mode, it is used as the keyboard-scan output port.
P10~P13
4-bit I/O pin.
In input mode, it is used as the keyboard-scan input port (with internal pull-down resistor).
In output mode, it is used as the keyboard-scan output port.
P20~P23
4-bit I/O pin.
In input mode, it is used as the keyboard-scan input port (with internal pull-down resistor).
In output mode, it is used as the keyboard-scan output port.
P50
1-bit input pin with pull-down resistor, used for keyboard-scan input.
P51
1-bit I/O pin.
In input mode, it is used as the keyboard-scan input port (with internal pull-down resistor).
In output mode, it is used as the keyboard-scan output port.
P52
1-bit I/O pin.
In input mode, it is used as the keyboard-scan input port (with internal pull-down resistor).
In output mode, it is used as the keyboard-scan output port,
P53
Outputs remote control signal with carrier or without carrier.
Programming mode:
Symbol
Description
D0-D8
9-bit data when EPROM write in/ verify
Otp_clk
Address increment clock when EPROM write in/ verify
Ceb
EPROM program enable, and high active
Oeb
EPROM output enable, and high active
Progb
EPROM program enable, and high active
VDD
Power supply of +6.5 V
GND
Ground
Vpp
In program mode, provide 12.5V to this pin
Otp_res
Clear eprom address pointer, and high active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com