Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 6 of 22
2. MBR
Memory buffer register (MBR) is write-only, higher 4-bit of the program pointer. The EPROM of SC73P1601
can be divided into 8 blocks. Each block is 128 bytes. The 8 blocks can be addressed by the MBR. When the
program starts executing a branch instruction, it must load the corresponding value to the MBR register, and then
executes the command BSS label.
3. STACK
Stack register stores the previous value of program pointer during execution of subroutine calls, 11 bits. There
is two-level hardware stack register, so two-level programs can be called. When the user tries to make more than
two-level program call, an error will occur.
4. B, H, D
Referred to as the pointer to data table. BHD are separately 2 bits, 4 bits and 4 bits. The 1K EPROM space of
SC73P1601 can be used as the data table which can be diplex with program space. When addressing the fixed
data of EPROM, the registers act as the pointers to the data table (to form the EPROM address according to
BHD order). In other cases, the H, D registers can be used as general purpose registers. Fixed data stored in the
data table can be addressed by the transmit instructions. When executing the transmit-instructions, the program
will look for the data from the correspond space of EPROM. The low 10 bits address of the EPROM are
composed of two lower bits of B , four bits of H and four bits of D.
When the most significant bit is 1, P53 transmits the data with carrier; while the most significant bit is 0, P53
transmits the data without carrier. The second bit of B is of no real use, and it is set 0 by the software at program
imitation.
5. PROM
Address
1k x 9bits
000H
001H
002H
01FH
Subroutine call start address
020H
3FFH
Normal program Area
(can be duplex as data table)
6. CH0、CH1、CL0、CL1
CH0, CH1, CL0, CL1 are carrier high and low level control registers, which can control the high-low level of
carrier is (CH+1)/fosc and(CL+1)/fosc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com