Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 12 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 12 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 16Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 12 of 22
11
LDH @LL, @BD
Load the higher 4 bit of ROM data pointed at by the BHD to RAM pointed at by the
LL register.
12
LDS @LL, @BD
Load the highest 1 bit of ROM data pointed at by the BHD to RAM pointed at by the
LL register.
13
LD LL, A
Load the contents of the accumulator to the LL register.
14
LD LH, A
Load the contents of the accumulator to the LH register.
15
LD LL,#K
Load immediate K to the LL register.
16
LD @LL, A
Load the content of the accumulator to the RAM pointed at by the LL register.
17
LD @LL, #k
Load the immediate K to RAM pointed at by the LL register.
18
LD D, A
Load the content of the accumulator to the D register.
19
LD H, A
Load the content of the accumulator to the H register.
20
LD B, A
Load the content of the accumulator to the B register.
21
LD CL1, A
Load the content of the accumulator to the CL1 register.
22
LD CL0, A
Load the content of the accumulator to the CL0 register.
23
LD CH1, A
Load the content of the accumulator to the CH1 register.
24
LD CH0, A
Load the content of the accumulator to the CH0 register.
25
LD PR, A
Load the content of the accumulator to the port register(PR).
26
LD PR2, A
Load the content of the accumulator to the port register(PR2).
27
LD TM, A
Load the content of the accumulator to the timer register.
28
LD A, TM
Load the content of the timer register to the accumulator.
Execution the above transmit instructions will not affect the carry flag, and the status flag remains 1.
2. Input/output instructions
Instruction
Operation
CF
SF
Cycle
LD A, %p
A
← PORT(p)
---
/Z
2
LD @LL, %p
RAM(LL)
← PORT(p)
---
/Z
2
LD %p, A
PORT(p)
← A
---
1
2
LD %p, @LL
PORT(p)
← RAM(LL)
---
1
2
a.
LD A, %P
Move the value of port(P) to the accumulator
b.
LD @LL, %p
Move the value of port(P) to RAM pointed at by the LL register.
c.
LD %p, A
Move the contents of the accumulator to port (P).
d.
LD %p, @LL
Load the contents of RAM pointed at by the LL register to port(P).
The above four input/output instructions are used mostly for port operation, the two read instructions will affect
the status flag SF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com