Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 9 of 22
Example: when the crystal oscillator select 455KHz, the corresponding time of port P50 is 2
12÷455≈9ms. This
means the time from TM=1111B to 1101 is 9ms, and the time from TM=1111B to 1110 is 4.5ms.See the following
program:
LD
A#1000B
LD
TM,A
TMRST
……
LD
L,#TEMP
LD
@LL,#1110B
LOOP:
LD
A,TM
XOR
A,@LL
JMPS
LOOP
END
In above program, the time from TMRST start to END is 4.5ms, that it from TM=1111B to 1110B is 4.5ms..
Time change :
4.5ms
9ms
18ms
9ms
36ms
18ms
36ms
9ms
The maximum adjustable time of the timer is 2
16/fmain. When the timer acts as a WDT and the timer is activated,
it must execute the TMRST instruction and clear the timer in 2
16/fmain’s time, otherwise, it will lead the WDT to
overflow, and causes the MCU to reset.
18. POC Circuit
The POC circuit monitors the power supply voltage and applies an internal reset to the micro-controller.
The POC circuit has the following functions:
•Generates an internal reset signal when VDD< VPOC. (Note 1)
•Cancels an internal reset signal when VDD > VPOC.
Here, VDD: power supply voltage. VPOC: POC detection voltage.
VDD
3.6V
2.0V
0V
Internal reset signal
Reset
Note 1
Note 2
Operation mode
Operating ambient temperature Tamb=-20°C~+75°C
POC detection voltage VPOC =1.4V~1.6V
VPOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com