Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 14 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 14 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 18Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 14 of 22
11.
DEC D
Decrement instruction. Decrement the contents of the D register by 1. This will affect
SF, SF=CF.
12.
DEC H
Decrement instruction. Decrement the contents of the H register by 1. This will affect
SF, SF=CF.
13.
DEC B
Decrement instruction. Decrement the contents of the B register by 1. This will affect
SF, SF=CF.
14.
INC LL
Increment instruction. Increment the contents of the LL register by 1. This will affect
SF, SF=/CF.
15.
DEC LL
Subtract 1 from the content in register LL. SF is affected, SF=/CF.
16.
AND A, @LL
The contents of the accumulator and RAM pointed at by the LL register are ANDed
and the results are stored in the accumulator. SF changed, SF=/Z.
17.
OR A, @LL
The contents of the accumulator and RAM pointed at by the LL register are ORed
and the results are stored in the accumulator. SF changed, SF=/Z.
18.
XOR A,@LL
The contents of the accumulator and RAM pointed at by the LL register are XORed
and the results are stored in the accumulator. SF changed, SF=/Z.
4. Bit operation instructions
Instruction
Operation
CF
SF
Cycle
CLR @LL, b
RAM(LL)b
←0
---
1
2
SET @LL, b
RAM(LL)b
←1
---
1
2
TEST @LL, b
SF
←/RAM(LL)b
---
*
2
a.
CLR @LL, b
Clear the B-bit of the RAM pointed at by the LL register.
b.
SET @LL, b
Set the B-bit of the RAM pointed at by the LL register to be 1.
c.
TEST @LL, b
Test the B-bit of the RAM pointed at by the LL register. If this bit is1, the SF is set to
0; otherwise, the SF is set to 1.
5. Carry operation instructions
Instruction
Operation
CF
SF
Cycle
CLR CF
CF
←0
0
1
2
SET CF
CF
←1
1
1
2
TESTP CF
SF
←CF
---
*
1
a.
CLR CF
Clear the carry flag to logic zero.
b.
SET CF
Set the carry flag to logic 1.
c.
TESTP CF
Test the carry flag, send the carry flag to SF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com