Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 15 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 15 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 19Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 15 of 22
6. Branch instructions
Instruction
Operation
CF
SF
Cycle
BSS label
---
1
2
JMPS label
---
1
3
Jump instruction is active only when SF is 1, or else next instruction is executed. Please read the Pseudo-
instruction Set for details.
BSS label Jump to destination address label with range of 128 bytes
JMPS label Jump to destination address label with range of 2K program.
Symbol description of above instructions:
a.
label
Destination address of jump
b.
#k
Immediate (0~15)
c.
b
Bit addressing (0~3)
d.
%p
Port address
7. Subroutine instructions
Instruction
Operation
CF
SF
Cycle
CALLS label
---
---
2
RET
---
---
2
When executing subroutine call and return instructions, the subroutine starting address is limited from 000H to
01FH.
8. Other instructions
Instruction
Operation
CF
SF
Cycle
HOLD
---
1
1
NOP
---
---
1
TMRST
Reset timer counter
---
---
1
a.
HOLD
After executing this instruction, MCU is in the power–save mode, the clock stops
oscillation and power consumption reduces dramatically.
b.
NOP
Null operation. It doesn’
t affect anything.
c.
TMRST
Timer clear command. It will clear all values of the timer to 0. This instruction is often
used to reset WDT in program.
9. Pseudoinstruction
ORG
Format:
[Label:] ORG address
Function:
Redefine following start address
Expression:
Label: selectable
Address: redefined address, can be binary, decimal or hexadecimal.
Redefined address is an absolute address which could not be returned back. That is, the redefined address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com