Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601MATR Datasheet(PDF) 16 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MATR
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MATR Datasheet(HTML) 16 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601MATR Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC73P1601MATR Datasheet HTML 20Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 16 of 22
should be higher than that above, or a fault is occurred during compiling. 000H is defaulted if no address is set by
ORG instruction.
Example:
ORG 0100H
EQU
Format:
Symbol EQU digital
Function:
Define a digital as a symbol. Symbol = digital.
Expression:
Symbol should be legal, and digital should be binary, decimal or hexadecimal. There is no colone before
EQU in definition, and it can only useful after the definition.
Example:
Data1 EQU 12H
Data2 EQU 1001B
DB
Format:
[Label:] [num] DB data
Function:
Define data with number of num.
Expression:
Label: selectable
Num: indicates number of data, default value is 1.
Data: data to be written to ROM. It should smaller than 0X200 as ROM is only 9-bit.lower 9-bit value of data
is taken with warning if it is more than 0x200.( only lower 8-bit is taken if the instruction is used for data table)
Example:
DB 12H
; Define one data
DB 10010B
; Define one data
12H DB 55H ; Define continuous 18 data
JMPS
Format:
[Label:] JMPS address
Function:
Jump in ROM.
Expression:
Label: selectable
Address can be a digital, symbol defined by EQU or the address symbol.
Combined by:
LD MBR, #k
BSS label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com