Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 108Page - STMicroelectronics STM32W108HB Datasheet HTML 109Page - STMicroelectronics STM32W108HB Datasheet HTML 110Page - STMicroelectronics STM32W108HB Datasheet HTML 111Page - STMicroelectronics STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics STM32W108HB Datasheet HTML 114Page - STMicroelectronics STM32W108HB Datasheet HTML 115Page - STMicroelectronics STM32W108HB Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
112/179
Doc ID 16252 Rev 2
8.3
General-purpose timer (1 and 2) registers
8.3.1
Timer x control register 1 (TIMx_CR1)
Address offset: 0xE000 (TIM1) and 0xF000 (TIM2)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TIM_A
RBE
TIM_CMS
TIM_D
IR
TIM_O
PM
TIM_U
RS
TIM_U
DIS
TIM_C
EN
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[7] TIM_ARBE: Auto-Reload Buffer Enable
0: TIMx_ARR register is not buffered.
1: TIMx_ARR register is buffered.
[6:5] TIM_CMS: Center-aligned Mode Selection
00: Edge-aligned mode. The counter counts up or down depending on the direction bit
(TIM_DIR).
01: Center-aligned mode 1. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (TIM_CCyS=00 in TIMx_CCMRy
register) are set only when the counter is counting down.
10: Center-aligned mode 2. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (TIM_CCyS=00 in TIMx_CCMRy
register) are set only when the counter is counting up.
11: Center-aligned mode 3. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (TIM_CCyS=00 in TIMx_CCMRy
register) are set both when the counter is counting up or down.
Note: Software may not switch from edge-aligned mode to center-aligned mode when the
counter is enabled (TIM_CEN=1).
[4] TIM_DIR: Direction
0: Counter used as up-counter.
1: Counter used as down-counter.
[3] TIM_OPM: One Pulse Mode
0: Counter does not stop counting at the next update event.
1: Counter stops counting at the next update event (and clears the bit TIM_CEN).
[2] TIM_URS: Update Request Source
0: When enabled, update interrupt requests are sent as soon as registers are updated (counter
overflow/underflow, setting the TIM_UG bit, or update generation through the slave mode
controller).
1: When enabled, update interrupt requests are sent only when the counter reaches overflow or
underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com