Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 105Page - STMicroelectronics STM32W108HB Datasheet HTML 106Page - STMicroelectronics STM32W108HB Datasheet HTML 107Page - STMicroelectronics STM32W108HB Datasheet HTML 108Page - STMicroelectronics STM32W108HB Datasheet HTML 109Page - STMicroelectronics STM32W108HB Datasheet HTML 110Page - STMicroelectronics STM32W108HB Datasheet HTML 111Page - STMicroelectronics STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
109/179
Figure 43.
Triggering timer 2 with update of timer 1
As in the previous example, both counters can be initialized before starting counting.
Figure 42 shows the behavior with the same configuration shown in Figure 43, but in trigger
mode instead of gated mode (TIM_SMS = 110 in the TIM2_SMCR register).
Figure 44.
Triggering timer 2 with enable of timer 1
Starting both timers synchronously in response to an external trigger
This example, sets the enable of Timer 1 when its TI1 input rises, and the enable of Timer 2
with the enable of Timer 1. Refer to Figure 40 for connections. To ensure the counters are
aligned, Timer 1 must be configured in master/slave mode (slave with respect to TI1, master
with respect to Timer 2):
●
Configure Timer 1 in master mode to send its Enable as trigger output (TIM_MMS =
001 in the TIM1_CR2 register).
●
Configure Timer 1 slave mode to get the input trigger from TI1 (TIM_TS = 100 in the
TIM1_SMCR register).
●
Configure Timer 1 in trigger mode (TIM_SMS = 110 in the TIM1_SMCR register).
●
Configure the Timer 1 in master/slave mode by writing TIM_MSM = 1 (TIM1_SMCR
register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com