Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 103Page - STMicroelectronics STM32W108HB Datasheet HTML 104Page - STMicroelectronics STM32W108HB Datasheet HTML 105Page - STMicroelectronics STM32W108HB Datasheet HTML 106Page - STMicroelectronics STM32W108HB Datasheet HTML 107Page - STMicroelectronics STM32W108HB Datasheet HTML 108Page - STMicroelectronics STM32W108HB Datasheet HTML 109Page - STMicroelectronics STM32W108HB Datasheet HTML 110Page - STMicroelectronics STM32W108HB Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
107/179
Using one timer to enable the other timer
In this example, the enable of Timer 2 is controlled with the output compare 1 of Timer 1.
Refer to Figure 40 for connections. Timer 2 counts on the divided internal clock only when
OC1REF of Timer 1 is high. Both counter clock frequencies are divided by 3 by the
prescaler compared to CK_INT (fCK_CNT = fCK_INT /3).
●
Configure Timer 1 in master mode to send its Output Compare Reference (OC1REF)
signal as trigger output (TIM_MMS = 100 in the TIM1_CR2 register).
●
Configure the Timer 1 OC1REF waveform (TIM1_CCMR1 register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TIM_TS = 000 in the
TIM2_SMCR register).
●
Configure Timer 2 in gated mode (TIM_SMS = 101 in the TIM2_SMCR register).
●
Enable Timer 2 by writing 1 in the TIM_CEN bit (TIM2_CR1 register).
●
Start Timer 1 by writing 1 in the TIM_CEN bit (TIM1_CR1 register).
Note:
The counter 2 clock is not synchronized with counter 1, this mode only affects the Timer 2
counter enable signal.
Figure 41.
Gating timer 2 with OC1REF of timer 1
In the example in Figure 41, the Timer 2 counter and prescaler are not initialized before
being started. So they start counting from their current value. It is possible to start from a
given value by resetting both timers before starting Timer 1, then writing the desired value in
the timer counters. The timers can easily be reset by software using the TIM_UG bit in the
TIMx_EGR registers.
The next example, synchronizes Timer 1 and Timer 2. Timer 1 is the master and starts from
0. Timer 2 is the slave and starts from 0xE7. The prescaler ratio is the same for both timers.
Timer 2 stops when Timer 1 is disabled by writing 0 to the TIM_CEN bit in the TIM1_CR1
register:
●
Configure Timer 1 in master mode to send its Output Compare Reference (OC1REF)
signal as trigger output (TIM_MMS = 100 in the TIM1_CR2 register).
●
Configure the Timer 1 OC1REF waveform (TIM1_CCMR1 register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TIM_TS = 000 in the
TIM2_SMCR register).
●
Configure Timer 2 in gated mode (TIM_SMS = 101 in the TIM2_SMCR register).
●
Reset Timer 1 by writing 1 in the TIM_UG bit (TIM1_EGR register).
●
Reset Timer 2 by writing 1 in the TIM_UG bit (TIM2_EGR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com