Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 102Page - STMicroelectronics STM32W108HB Datasheet HTML 103Page - STMicroelectronics STM32W108HB Datasheet HTML 104Page - STMicroelectronics STM32W108HB Datasheet HTML 105Page - STMicroelectronics STM32W108HB Datasheet HTML 106Page - STMicroelectronics STM32W108HB Datasheet HTML 107Page - STMicroelectronics STM32W108HB Datasheet HTML 108Page - STMicroelectronics STM32W108HB Datasheet HTML 109Page - STMicroelectronics STM32W108HB Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
106/179
Doc ID 16252 Rev 2
Figure 39.
Control circuit in external clock mode 2 + trigger mode
8.1.14
Timer synchronization
The two timers can be linked together internally for timer synchronization or chaining. A
timer configured in master mode can reset, start, stop or clock the counter of the other timer
configured in slave mode.
Figure 40 presents an overview of the trigger selection and the master mode selection
blocks.
Using one timer as prescaler for the other timer
For example, to configure Timer 1 to act as a prescaler for Timer 2 (see Figure 40):
●
Configure Timer 1 in master mode so that it outputs a periodic trigger signal on each
update event. Writing TIM_MMS = 010 in the TIM1_CR2 register causes a rising edge
to be output on TRGO each time an update event is generated.
●
To connect the TRGO output of Timer 1 to Timer 2, configure Timer 2 in slave mode
using ITR0 as an internal trigger. Select this through the TIM_TS bits in the
TIM2_SMCR register (writing TIM_TS = 000).
●
Put the slave mode controller in external clock mode 1 (write TIM_SMS = 111 in the
TIM2_SMCR register). This causes Timer 2 to be clocked by the rising edge of the
periodic Timer 1 trigger signal (which corresponds to the Timer 1 counter overflow).
●
Finally both timers must be enabled by setting their respective TIM_CEN bits
(TIMx_CR1 register).
Note:
If OCy is selected on Timer 1 as trigger output (TIM_MMS = 1xx), its rising edge is used to
clock the counter of Timer 2.
Figure 40.
Master/slave timer example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com