Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 21 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 16Page - Microchip Technology TC14433 Datasheet HTML 17Page - Microchip Technology TC14433 Datasheet HTML 18Page - Microchip Technology TC14433 Datasheet HTML 19Page - Microchip Technology TC14433 Datasheet HTML 20Page - Microchip Technology TC14433 Datasheet HTML 21Page - Microchip Technology TC14433 Datasheet HTML 22Page - Microchip Technology TC14433 Datasheet HTML 23Page - Microchip Technology TC14433 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 21
TC14433/A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC14433:
3 1/2 Digit, A/D Converter
TC14433T:
3 1/2 Digit, A/D Converter
(Tape and Reel)
TC14433A:
3 1/2 Digit, A/D Converter
TC14433AT:
3 1/2 Digit, A/D Converter
(Tape and Reel)
Temperature Range:
E
= -40°C to +85°C
Package:
LI
= Plastic Leaded Chip Carrier, Square, 28-lead
PG = Plastic Dual In-Line, 600 mil Body, 24-lead
OG = Plastic Small Outline, Wide 7.50 mm, 24-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
TC14433ELI:
24LD PLCC package.
b)
TC14433TELI:
Tape and Reel,
24LD PLCC package.
c)
TC14433EPG:
24LD PDIP package.
d)
TC14433TEPG:
Tape and Reel,
24LD PDIP package.
e)
TC14433EOG:
24LD SOIC package.
f)
TC14433TEOG:
Tape and Reel,
24-LD SOIC package.
a)
TC14433AELI:
28LD PLCC package.
b)
TC14433ATELI:
Tape and Reel,
28LD PLCC package.
c)
TC14433AEPG:
24LD PDIP package.
d)
TC14433ATEPG: Tape and Reel,
24LD PDIP package.
e)
TC14433AEOG:
24LD SOIC package.
f)
TC14433ATEOG: Tape and Reel,
24-LD SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com