Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 2 Page - Microchip Technology

  TC14433 Datasheet HTML 1Page - Microchip Technology TC14433 Datasheet HTML 2Page - Microchip Technology TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TC14433/A
DS21394D-page 2
© 2008 Microchip Technology Inc.
Typical Application
3
1
4
5
6
7
8
23
22
21
20
13
9
14
15 19 18 17 16
11 10 2 12 24
4
2
3
5
9
10
11
12
13
14
15
1
7
6
5
4
3
2
1
10
11
12
13
14
15
16
R1*
VX
20 k
Ω
D
C
S
R
TC14433
Q
Q
D
C
S
R
+5V
-5V
16
+5V
+5V
Segment
Resistors
150
Ω (7)
+5V
Q
Q
-5V
-5V
-5V
-5V
8
Minus Sign
200
Ω
51 k
Ω
6 7
+5V
-5V
-5V
-5V
MPS-A12
(4)
Common
Anode Led
Display
MPS-A12
300
RC
14013B
5
3
9
11
1
2
13
12
6
7
14
10
fge d cba
+5V
1µF
4
8
DS4
DS3
DS2
DS1
-5V
MCP1525
4543B
1413
VIN
VOUT
VSS
Plus Sign
110
Ω
1µF
0.1 µF**
0.1 µF**
k
Ω
0.1 µF
0.1 µF
0.1 µF
50 µF
*R1 = 470 kΩ for 2V Range
*R1 = 27 kΩ for 200 mV Range
**Mylar Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com