Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 13Page - Microchip Technology TC14433 Datasheet HTML 14Page - Microchip Technology TC14433 Datasheet HTML 15Page - Microchip Technology TC14433 Datasheet HTML 16Page - Microchip Technology TC14433 Datasheet HTML 17Page - Microchip Technology TC14433 Datasheet HTML 18Page - Microchip Technology TC14433 Datasheet HTML 19Page - Microchip Technology TC14433 Datasheet HTML 20Page - Microchip Technology TC14433 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 17
TC14433/A
/HDG3ODVWLF /HDGHG &KLS &DUULHU /, ± 6TXDUH>3/&&@
1RWHV
 3LQ  YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD
 † 6LJQLILFDQW &KDUDFWHULVWLF
 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
,1&+(6
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

3LWFK
H

2YHUDOO +HLJKW
$



&RQWDFW +HLJKW
$



0ROGHG 3DFNDJH WR &RQWDFW
$

±

6WDQGRII †
$
±
±
&RUQHU &KDPIHU
&+

±

&KDPIHUV
&+
±
±

6LGH &KDPIHU
&+
±

2YHUDOO :LGWK
(



2YHUDOO /HQJWK
'



0ROGHG 3DFNDJH :LGWK
(


0ROGHG 3DFNDJH /HQJWK
'


)RRWSULQW :LGWK
(



)RRWSULQW /HQJWK
'



/HDG 7KLFNQHVV
F

±

8SSHU /HDG :LGWK
E

±

/RZHU /HDG :LGWK
E
±

D
CH2 x 45°
D1
NOTE 1
N1 23
E
E1
CH1 x 45°
CH3 x 45°
A
A1
A3
E2
b
b1
A2
c
e
D2
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com