Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology TC14433 Datasheet HTML 10Page - Microchip Technology TC14433 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 7
TC14433/A
16
19
DS4
Digit select pin. The digit select output goes high when the respective digit is
selected. The MSD (1/2 digit turns on immediately after an EOC pulse).
17
20
DS3
The remaining digits turn on in sequence from MSD to LSD.
18
21
DS2
To ensure that the BCD data has settled, an inter digit blanking time of two
clock periods is included.
19
23
DS1
Clock frequency divided by 80 equals multiplex rate. For example, a system
clock of 60 kHz gives a multiplex rate of 0.8 kHz.
20
24
Q0
See Figure 5-4 for digit select timing diagram.
21
25
Q1
BCD data output pin. Multiplexed BCD outputs contain three full digits of
information during digit select DS2, DS3, DS4.
22
26
Q2
During DS1, the 1/2 digit, overrange, underrange and polarity information is
available.
23
27
Q3
Refer to the Truth Table 5-1.
24
28
VDD
Positive power supply. This is the most positive power supply pin.
—
1
NC
Not Used.
—
8
NC
Not Used.
—
15
NC
Not Used.
—
22
NC
Not Used.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin No.
24-Pin PDIP,
SOIC
Pin No.
28-Pin
PLCC
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com