Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 1 Page - Microchip Technology

  TC14433 Datasheet HTML 1Page - Microchip Technology TC14433 Datasheet HTML 2Page - Microchip Technology TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 1
TC14433/A
Features:
• Accuracy: ±0.05% of Reading ±1 Count
• Two Voltage Ranges: 1.999V and 199.9 mV
• Up to 25 Conversions Per Second
•ZIN > 1000M Ohms
• Single Positive Voltage Reference
• Auto-Polarity and Auto-Zero
• Overrange and Underrange Signals Available
• Operates in Auto-Ranging Circuits
• Uses On-Chip System Clock or External Clock
• Wide Supply Range: ±4.5V to ±8V
Applications:
• Portable Instruments
• Digital Voltmeters
• Digital Panel Meters
• Digital Scales
• Digital Thermometers
• Remote A/D Sensing Systems
Description
The TC14433 is a low-power, high-performance,
monolithic CMOS 3-1/2 digit A/D converter. The
TC14433 combines both analog and digital circuits on
a single IC, thus minimizing the number of external
components.
This dual slope A/D converter provides automatic
polarity and zero correction with the addition of two
external resistors and two capacitors. The full scale
voltage range of this ratiometric IC extends from
199.9 millivolts to 1.999 volts. The TC14433 can
operate over a wide range of power supply voltages,
including batteries and standard 5-volt supplies.
The TC14433A features improved performance over
the industry standard TC14433. Rollover, which is the
measurement of identical positive and negative
signals, is specified to have the same reading within
one count for the TC14433A. Power consumption of
the TC14433A is typically 4 mW, approximately one-
half that of the industry standard TC14433.
The TC14433/A is available in 24-Pin PDIP, 24-Pin
SOIC (TC14433 device only), and 28-Pin PLCC
packages.
Package Type
Note 1:
NC = No internal connection (In 28-Pin PLCC).
2:
24-Pin SOIC (Wide) package, only for TC14433
device.
1
2
3
4
16
15
14
5
6
7
8
13
19
18
17
9
10
11
12
20
21
22
23
24 VDD
Q3
Q2
Q1
Q0
DS1
DS3
DS2
DS4
EOC
OR
R1
C1
CO1
CO2
R1/C1
CLK0
CLK1
DU
VEE
VSS
VAG
VX
VREF
TC14433/A
24-Pin PDIP (Wide)
24-Pin SOIC (Wide)
Q1
Q0
DS2
DS3
DS1
DS4
CO1
CO2
R1/C1
C1
R1
NC
NC
DU
19
20
21
22
23
24
25
11
10
9
8
7
6
5
TC14433/A
12 13 14 15
17 18
4
3
2
1
27 26
28
16
28-Pin PLCC
3-1/2 Digit, Analog-to-Digital Converter


Similar Part No. - TC14433

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
logo
TelCom Semiconductor, I...
TC14433A TELCOM-TC14433A Datasheet
149Kb / 10P
3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC14433A MICROCHIP-TC14433A Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
logo
TelCom Semiconductor, I...
TC14433AEJG TELCOM-TC14433AEJG Datasheet
149Kb / 10P
3-1/2 DIGIT A/D CONVERTERS
More results

Similar Description - TC14433

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7136 MICROCHIP-TC7136 Datasheet
534Kb / 22P
Low Power 3-1/2 Digit Analog-to-Digital Converter
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com