Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology TC14433 Datasheet HTML 10Page - Microchip Technology TC14433 Datasheet HTML 11Page - Microchip Technology TC14433 Datasheet HTML 12Page - Microchip Technology TC14433 Datasheet HTML 13Page - Microchip Technology TC14433 Datasheet HTML 14Page - Microchip Technology TC14433 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 11
TC14433/A
FIGURE 5-1:
3-1/2 Digit Voltmeter with LCD Display.
C01 C02
RC
R1
VX
VAG
VREF
VDD VSS VEE EOE DU
14013B
DS4
DS3
DS2
DS1
Q0
Q1
Q2
Q3
300 k
Ω
470 k
Ω
-V
-V
14013B
+V
+V
14543B
+V
14070B
1/4
1/2 Digit
Plus
Sign
Minus
Sign
14070B 1/4
1/4 14070B
-V
14024B
C
R
+V
D
C RR
D
C
R
R
+V
-V
TC14433
MCP1525
VIN
V+
VOUT
VSS
1µF
20
0.1 µF
0.1 µF
R1/C1 C1
Q
Q
Q
Q
g f e d c b a
BI D C B A Ph LD
14543B
+V
-V
g f e d c b a
BI D C B A Ph LD
+V
14543B
-V
g f e d c b a
BI D C B A Ph LD
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com