Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology TC14433 Datasheet HTML 10Page - Microchip Technology TC14433 Datasheet HTML 11Page - Microchip Technology TC14433 Datasheet HTML 12Page - Microchip Technology TC14433 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 9
TC14433/A
FIGURE 4-3:
Functional Block Diagram.
Latches
1s'
10s'
100s'
1,000s'
Clock
RC
Control Logic
CMOS
Analog Subsystem
Display
Update
9
DU
End of
Conversion
EOC
14
R1
R1/C
C1
45
6
CO1 CO2
78
2
1
3
VREF
VAG
VX
Reference Voltage
Analog Ground
Analog Input
Offset
Polarity Detect
10
CLK 1
11
CLK 0
OR Overrange
Multiplexer
TC14433/A
20-23
16 -19
DS 1 – DS 4
Digit Strobe
Q – Q3
BDC Data
Integrator
15
Overflow
VDD = Pin 24
VSS = Pin 13
VEE = Pin 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com