Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 3 Page - Microchip Technology

  TC14433 Datasheet HTML 1Page - Microchip Technology TC14433 Datasheet HTML 2Page - Microchip Technology TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 3
TC14433/A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VDD – VEE) ................... -0.5V to +18V
Voltage on Any Pin:
Reference to VEE .....................-0.5V to (VDD + 0.5)
DC Current, Any Pin: ....................................... ±10 mA
Power Dissipation (TA ≤ 70°C):
Plastic PLCC ................................................. 1.0W
Plastic PDIP.............................................. 940 mW
SOIC ......................................................... 940 mW
Operating Temperature Range ............ -40°C to +85°C
Storage Temperature Range .............. -65°C to +160°C
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC14433/A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, VDD = +5V, VEE = -5V, C1 = 0.1 µF, (Mylar), C0 = 0.1 µF,
RC = 300 kΩ, R1 = 470 kΩ @ VREF = 2V, R1 = 27 kΩ @ VREF = 200 mV, TA = +25°C.
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Analog Input
Rollover Error (Positive) and
Negative Full Scale
Symmetry
SYE
-1
—
+1
—
—
—
Counts
200 mV Full Scale
VIN -VIN = +VIN
Linearity Output Reading
(Note 1)
NL
-0.05
+0.05
+0.05
—
—
—
%rdg
VREF = 2V
-1 count
—
+1 count
—
—
—
%rdg
VREF = 200 mV
Stability Output Reading
(Note 2)
SOR
—
—
2
—
—
—
LSD
VX = 1.99V,
VREF = 2V
——
3
—
—
—
LSD
VX = 199 mV,
VREF = 200 mV
Zero Output Reading
ZOR
—
0
0
—
—
—
LSD
VX = 0V, VREF = 2V
Bias Current: Analog Input
Reference Input
Analog Ground
IIN
—
±20
±100
—
—
—
pA
—
±20
±100
—
—
—
pA
—
±20
±100
—
—
—
pA
Common mode Rejection
CMRR
—
65
—
—
—
—
dB
VX = 1.4V, VREF = 2V,
FOC = 32 kHz
Note
1:
Accuracy – The accuracy of the meter at full scale is the accuracy of the setting of the reference voltage. Zero is
recalculated during each conversion cycle. The meaningful specification is linearity. In other words, the deviation from
correct reading for all inputs other than positive full scale and zero is defined as the linearity specification.
2:
The LSD stability for 200 mV scale is defined as the range that the LSD will occupy 95% of the time.
3:
Pin numbers refer to 24-pin PDIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com