Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 4 Page - Microchip Technology

  TC14433 Datasheet HTML 1Page - Microchip Technology TC14433 Datasheet HTML 2Page - Microchip Technology TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC14433/A
DS21394D-page 4
© 2008 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Digital
Output Voltage
(Pins 14 to 23) (Note 3)
VOL
—
0
0.05
—
—
0.05
V
VSS = 0V, “0” Level
—
-5
-4.95
—
—
-4.95
V
VSS = -5V, “0” Level
Output Voltage
(Pins 14 to 23) (Note 3)
VOH
4.95
5
—
4.95
—
—
V
VSS = 0V, “1” Level
4.95
5
—
4.95
—
—
V
VSS = -5V, “1” Level
Output Current
(Pins 14 to 23)
IOH
-0.2
-0.36
—
-0.14
—
—
mA
VSS = 0V, VOH = 4.6V
Source
- 0.5
-0.9
—
-0.35
—
—
mA
VSS = -5V, VOH = 5V
Source
Output Current
(Pins 14 to 23)
IOL
0.51
0.88
—
0.36
—
—
mA
VSS = 0V, VOL = 0.4V
Sink
1.3
2.25
—
0.9
—
—
mA
VSS = -5V,
VOL = -4.5V Sink
Clock Frequency
fCLK
—66
—
—
—
—
kHz
RC = 300 kΩ
Input Current -DU
IDU
—
±0.00
001
±0.3
—
—
±1
µA
Power
Quiescent Current:
TC14433A:
IQ
——
—
—
—
—
—
VDD to VEE, ISS = 0
—
0.4
2
—
—
3.7
mA
VDD = 5, VEE = -5
—
1.4
4
—
—
7.4
mA
VDD = 8, VEE = -8
Quiescent Current:
TC14433
——
—
—
—
—
—
VDD to VEE, ISS = 0
—
0.9
2
—
—
3.7
mA
VDD = 5, VEE = -5
—
1.8
4
—
—
7.4
mA
VDD = 8, VEE = -8
Supply Rejection
PSRR
—
0.5
—
—
—
—
mV/V
VDD to VEE, ISS = 0,
VREF = 2V,
VDD = 5, VEE = -5
TC14433/A ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = +5V, VEE = -5V, C1 = 0.1 µF, (Mylar), C0 = 0.1 µF,
RC = 300 kΩ, R1 = 470 kΩ @ VREF = 2V, R1 = 27 kΩ @ VREF = 200 mV, TA = +25°C.
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Note
1:
Accuracy – The accuracy of the meter at full scale is the accuracy of the setting of the reference voltage. Zero is
recalculated during each conversion cycle. The meaningful specification is linearity. In other words, the deviation from
correct reading for all inputs other than positive full scale and zero is defined as the linearity specification.
2:
The LSD stability for 200 mV scale is defined as the range that the LSD will occupy 95% of the time.
3:
Pin numbers refer to 24-pin PDIP.
Electrical Characteristics: Unless otherwise indicated, VDD = +5V and VEE = -5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+85
°C
Note
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 24LD PDIP
θ
JA
—
60.5
—
°C/W
Thermal Resistance, 24LD CERDIP
θ
JA
—N/A
—
°C/W
Thermal Resistance,24LD SOIC Wide
θ
JA
—70
—
°C/W
Thermal Resistance, 28LD PLCC
θ
JA
—
61.2
—
°C/W
Note:
The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com