Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 213Page - Microchip Technology PIC18F44J10 Datasheet HTML 214Page - Microchip Technology PIC18F44J10 Datasheet HTML 215Page - Microchip Technology PIC18F44J10 Datasheet HTML 216Page - Microchip Technology PIC18F44J10 Datasheet HTML 217Page - Microchip Technology PIC18F44J10 Datasheet HTML 218Page - Microchip Technology PIC18F44J10 Datasheet HTML 219Page - Microchip Technology PIC18F44J10 Datasheet HTML 220Page - Microchip Technology PIC18F44J10 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 215
PIC18F45J10 FAMILY
18.0
10-BIT ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-to-Digital (A/D) converter module has
10 inputs for the 28-pin devices and 13 for the 40/44-pin
devices. This module allows conversion of an analog
input signal to a corresponding 10-bit digital number.
The module has five registers:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
• A/D Control Register 2 (ADCON2)
The ADCON0 register, shown in Register 18-1,
controls the operation of the A/D module. The
ADCON1 register, shown in Register 18-2, configures
the functions of the port pins. The ADCON2 register,
shown in Register 18-3, configures the A/D clock
source, programmed acquisition time and justification.
REGISTER 18-1:
ADCON0: A/D CONTROL REGISTER 0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCAL
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ADCAL:
A/D Calibration bit
1
= Calibration is performed on next A/D conversion
0
= Normal A/D converter operation (no calibration is performed)
bit 6
Unimplemented:
Read as ‘0’
bit 5-2
CHS<3:0>:
Analog Channel Select bits
0000
= Channel 0 (AN0)
0001
= Channel 1 (AN1)
0010
= Channel 2 (AN2)
0011
= Channel 3 (AN3)
0100
= Channel 4 (AN4)
0101
= Channel 5 (AN5)(1,2)
0110
= Channel 6 (AN6)(1,2)
0111
= Channel 7 (AN7)(1,2)
1000
= Channel 8 (AN8)
1001
= Channel 9 (AN9)
1010
= Channel 10 (AN10)
1011
= Channel 11 (AN11)
1100
= Channel 12 (AN12)
1101
= Unimplemented(2)
1110
= Unimplemented(2)
1111
= Unimplemented(2)
bit 1
GO/DONE:
A/D Conversion Status bit
When ADON = 1:
1
= A/D conversion in progress
0
= A/D Idle
bit 0
ADON:
A/D On bit
1
= A/D converter module is enabled
0
= A/D converter module is disabled
Note 1:
These channels are not implemented on 28-pin devices.
2:
Performing a conversion on unimplemented channels will return a floating input measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com