Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 95Page - Microchip Technology PIC18F44J10 Datasheet HTML 96Page - Microchip Technology PIC18F44J10 Datasheet HTML 97Page - Microchip Technology PIC18F44J10 Datasheet HTML 98Page - Microchip Technology PIC18F44J10 Datasheet HTML 99Page - Microchip Technology PIC18F44J10 Datasheet HTML 100Page - Microchip Technology PIC18F44J10 Datasheet HTML 101Page - Microchip Technology PIC18F44J10 Datasheet HTML 102Page - Microchip Technology PIC18F44J10 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 97
PIC18F45J10 FAMILY
10.0
I/O PORTS
Depending on the device selected and features
enabled, there are up to five ports available. Some pins
of the I/O ports are multiplexed with an alternate
function from the peripheral features on the device. In
general, when a peripheral is enabled, that pin may not
be used as a general purpose I/O pin.
Each port has three registers for its operation. These
registers are:
• TRIS register (Data Direction register)
• PORT register (reads the levels on the pins of the
device)
• LAT register (Data Latch register)
The Data Latch (LAT register) is useful for read-modify-
write operations on the value that the I/O pins are
driving.
A simplified model of a generic I/O port, without the
interfaces to other peripherals, is shown in Figure 10-1.
FIGURE 10-1:
GENERIC I/O PORT
OPERATION
10.1
I/O Port Pin Capabilities
When developing an application, the capabilities of the
port pins must be considered. Outputs on some pins
have higher output drive strength than others. Similarly,
some pins can tolerate higher than VDD input levels.
10.1.1
PIN OUTPUT DRIVE
The output pin drive strengths vary for groups of pins
intended to meet the needs for a variety of applications.
PORTB and PORTC are designed to drive higher
loads, such as LEDs. All other ports are designed for
small loads, typically indication only. Table 10-1 sum-
marizes the output capabilities. Refer to Section 24.0
“Electrical Characteristics”
for more details.
TABLE 10-1:
OUTPUT DRIVE LEVELS
10.1.2
INPUT PINS AND VOLTAGE
CONSIDERATIONS
The voltage tolerance of pins used as device inputs is
dependent on the pin’s input function. Pins that are used
as digital only inputs are able to handle DC voltages up
to 5.5V; a level typical for digital logic circuits. In contrast,
pins that also have analog input functions of any kind
can only tolerate voltages up to VDD. Voltage excursions
beyond VDD on these pins should be avoided. Table 10-
2 summarizes the input capabilities. Refer to
Section 24.0 “Electrical Characteristics”
for more
details.
TABLE 10-2:
INPUT VOLTAGE LEVELS
Data
Bus
WR LAT
WR TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Input
Buffer
I/O pin
Q
D
CK
Q
D
CK
EN
QD
EN
RD LAT
or PORT
Port
Drive
Description
PORTA
Minimum Intended for indication.
PORTD
PORTE
PORTB
High
Suitable for direct LED drive
levels.
PORTC
Port or Pin
Tolerated
Input
Description
PORTA<5:0>
VDD
Only VDD input levels
tolerated.
PORTB<5:0>
PORTC<1:0>
PORTE<2:0>
PORTB<7:6>
5.5V
Tolerates input levels
above VDD, useful for
most standard logic.
PORTC<7:2>
PORTD<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com