Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 60Page - Microchip Technology PIC18F44J10 Datasheet HTML 61Page - Microchip Technology PIC18F44J10 Datasheet HTML 62Page - Microchip Technology PIC18F44J10 Datasheet HTML 63Page - Microchip Technology PIC18F44J10 Datasheet HTML 64Page - Microchip Technology PIC18F44J10 Datasheet HTML 65Page - Microchip Technology PIC18F44J10 Datasheet HTML 66Page - Microchip Technology PIC18F44J10 Datasheet HTML 67Page - Microchip Technology PIC18F44J10 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 62
© 2009 Microchip Technology Inc.
TABLE 6-3:
REGISTER FILE SUMMARY (PIC18F24J10/25J10/44J10/45J10)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
47, 53
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
47, 53
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
47, 53
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
47, 54
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
47, 53
PCLATH
Holding Register for PC<15:8>
0000 0000
47, 53
PCL
PC Low Byte (PC<7:0>)
0000 0000
47, 53
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
47, 74
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
47, 74
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
47, 74
TABLAT
Program Memory Table Latch
0000 0000
47, 74
PRODH
Product Register High Byte
xxxx xxxx
47, 81
PRODL
Product Register Low Byte
xxxx xxxx
47, 81
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
47, 85
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
47, 86
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
47, 87
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
47, 67
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
47, 67
POSTDEC0 Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
47, 67
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
47, 67
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register) –
value of FSR0 offset by W
N/A
47, 67
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High Byte
---- xxxx
47, 67
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
47, 67
WREG
Working Register
xxxx xxxx
47
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
47, 67
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
47, 67
POSTDEC1 Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
47, 67
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
47, 67
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register) –
value of FSR1 offset by W
N/A
47, 67
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte
---- xxxx
47, 67
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
47, 67
BSR
—
—
—
—
Bank Select Register
---- 0000
47, 58
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
48, 67
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
48, 67
POSTDEC2 Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
48, 67
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
48, 67
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) –
value of FSR2 offset by W
N/A
48, 67
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte
---- xxxx
48, 67
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
48, 67
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
48, 65
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
See Section 5.4 “Brown-out Reset (BOR) (PIC18F2XJ10/4XJ10 Devices Only)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
Alternate names and definitions for these bits when the MSSP module is operating in I2C™ Slave mode. See Section 16.4.3.2 “Address
Masking”
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com