Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 25Page - Microchip Technology PIC18F44J10 Datasheet HTML 26Page - Microchip Technology PIC18F44J10 Datasheet HTML 27Page - Microchip Technology PIC18F44J10 Datasheet HTML 28Page - Microchip Technology PIC18F44J10 Datasheet HTML 29Page - Microchip Technology PIC18F44J10 Datasheet HTML 30Page - Microchip Technology PIC18F44J10 Datasheet HTML 31Page - Microchip Technology PIC18F44J10 Datasheet HTML 32Page - Microchip Technology PIC18F44J10 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 27
PIC18F45J10 FAMILY
3.0
OSCILLATOR
CONFIGURATIONS
3.1
Oscillator Types
The PIC18F45J10 family of devices can be operated in
five different oscillator modes:
1.
HS
High-Speed Crystal/Resonator
2.
HSPLL High-Speed Crystal/Resonator
with Software PLL Control
3.
EC
External Clock with FOSC/4 Output
4.
ECPLL External Clock with Software PLL
Control
5.
INTRC Internal 31 kHz Oscillator
Four of these are selected by the user by programming
the FOSC<2:0> Configuration bits. The fifth mode
(INTRC) may be invoked under software control; it can
also be configured as the default mode on device
Resets.
3.2
Crystal Oscillator/Ceramic
Resonators (HS Modes)
In HS or HSPLL Oscillator modes, a crystal or ceramic
resonator is connected to the OSC1 and OSC2 pins to
establish oscillation. Figure 3-1 shows the pin
connections.
The oscillator design requires the use of a parallel cut
crystal.
FIGURE 3-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS OR HSPLL
CONFIGURATION)
TABLE 3-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note:
Use of a series cut crystal may give a fre-
quency out of the crystal manufacturer’s
specifications.
Typical Capacitor Values Used:
Mode
Freq.
OSC1
OSC2
HS
8.0 MHz
16.0 MHz
27 pF
22 pF
27 pF
22 pF
Capacitor values are for design guidance only.
These capacitors were tested with the resonators
listed below for basic start-up and operation. These
values are not optimized
.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application.
See the notes following Table 3-2 for additional
information.
Resonators Used:
4.0 MHz
8.0 MHz
16.0 MHz
Note 1:
See Table 3-1 and Table 3-2 for initial values of
C1 and C2.
2:
A series resistor (RS) may be required for AT
strip cut crystals.
3:
RF varies with the oscillator mode chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To
Logic
PIC18F45J10
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com