Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 28Page - Microchip Technology PIC18F44J10 Datasheet HTML 29Page - Microchip Technology PIC18F44J10 Datasheet HTML 30Page - Microchip Technology PIC18F44J10 Datasheet HTML 31Page - Microchip Technology PIC18F44J10 Datasheet HTML 32Page - Microchip Technology PIC18F44J10 Datasheet HTML 33Page - Microchip Technology PIC18F44J10 Datasheet HTML 34Page - Microchip Technology PIC18F44J10 Datasheet HTML 35Page - Microchip Technology PIC18F44J10 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 30
© 2009 Microchip Technology Inc.
3.5
Internal Oscillator Block
The PIC18F45J10 family of devices includes an inter-
nal oscillator source (INTRC) which provides a nominal
31 kHz output. The INTRC is enabled on device
power-up and clocks the device during its configuration
cycle until it enters operating mode. INTRC is also
enabled if it is selected as the device clock source or if
any of the following are enabled:
• Fail-Safe Clock Monitor
• Watchdog Timer
• Two-Speed Start-up
These features are discussed in greater detail in
Section 21.0 “Special Features of the CPU”
.
The INTRC can also be optionally configured as the
default clock source on device start-up by setting the
FOSC2 Configuration bit. This is discussed in
Section 3.6.1 “Oscillator Control Register”
.
3.6
Clock Sources and
Oscillator Switching
The PIC18F45J10 family includes a feature that allows
the device clock source to be switched from the main
oscillator to an alternate clock source. PIC18F45J10
family devices offer two alternate clock sources. When
an alternate clock source is enabled, the various
power-managed operating modes are available.
Essentially, there are three clock sources for these
devices:
• Primary oscillators
• Secondary oscillators
• Internal oscillator
The primary oscillators include the External Crystal
and Resonator modes and the External Clock modes.
The particular mode is defined by the FOSC<2:0>
Configuration bits. The details of these modes are
covered earlier in this chapter.
The secondary oscillators are those external sources
not connected to the OSC1 or OSC2 pins. These
sources may continue to operate even after the
controller is placed in a power-managed mode.
PIC18F45J10 family devices offer the Timer1 oscillator
as a secondary oscillator. This oscillator, in all
power-managed modes, is often the time base for
functions such as a Real-Time Clock (RTC).
Most often, a 32.768 kHz watch crystal is connected
between the RC0/T1OSO/T13CKI and RC1/T1OSI
pins. Loading capacitors are also connected from each
pin to ground.
The Timer1 oscillator is discussed in greater detail in
Section 12.3 “Timer1 Oscillator”
.
In addition to being a primary clock source, the internal
oscillator
is available as a power-managed mode
clock source. The INTRC source is also used as the
clock source for several special features, such as the
WDT and Fail-Safe Clock Monitor.
The clock sources for the PIC18F45J10 family devices
are shown in Figure 3-5. See Section 21.0 “Special
Features of the CPU”
for Configuration register
details.
FIGURE 3-5:
PIC18F45J10 FAMILY CLOCK DIAGRAM
PIC18F45J10 Family
4 x PLL
FOSC<2:0>
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source Option
for Other Modules
OSC1
OSC2
Sleep
HSPLL, ECPLL
HS, EC
T1OSC
CPU
Peripherals
IDLEN
INTRC
Source
WDT, PWRT, FSCM
Internal Oscillator
Clock
Control
OSCCON<1:0>
and Two-Speed Start-up
Primary Oscillator
Secondary Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com